Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8308VMAFDA Datasheet(PDF) 59 Page - Freescale Semiconductor, Inc

Part # MPC8308VMAFDA
Description  MPC8308 PowerQUICC II Pro Processor Hardware Specification
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8308VMAFDA Datasheet(HTML) 59 Page - Freescale Semiconductor, Inc

Back Button MPC8308VMAFDA Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8308VMAFDA Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8308VMAFDA Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8308VMAFDA Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8308VMAFDA Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8308VMAFDA Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8308VMAFDA Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8308VMAFDA Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8308VMAFDA Datasheet HTML 63Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 88 page
background image
MPC8308 PowerQUICC II Pro Processor Hardware Specification, Rev. 0
Freescale Semiconductor
59
GPIO
17 GPIO
This section describes the DC and AC electrical specifications for the GPIO of MPC8308
17.1
GPIO DC Electrical Characteristics
Table 47 provides the DC electrical characteristics for the GPIO.
17.2
GPIO AC Timing Specifications
Table 48 provides the GPIO input and output AC timing specifications.
Figure 48 provides the AC test load for the GPIO.
Figure 48. GPIO AC Test Load
Table 47. GPIO DC Electrical Characteristic
Characteristic
Symbol
Condition
Min
Max
Unit
Output high voltage
VOH
IOH = –8.0 mA
2.4
—
V
Output low voltage
VOL
IOL =8.0 mA
—
0.5
V
Output low voltage
VOL
IOL =3.2 mA
—
0.4
V
Input high voltage
VIH
—2.1
NVDD +0.3
V
Input low voltage
VIL
—–0.3
0.8
V
Input current
IIN
0V
≤ V
IN ≤ NVDD
—
± 5
μA
Table 48. GPIO Input AC Timing Specifications
Characteristic
Symbol1
Min
Unit
GPIO inputs—minimum pulse width
tPIWID
20
ns
Notes:
1. GPIO inputs and outputs are asynchronous to any visible clock. GPIO outputs should be synchronized
before use by any external synchronous logic. GPIO inputs are required to be valid for at least tPIWID ns to
ensure proper operation.
Output
Z0 = 50 Ω
NVDD/2
RL = 50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com