Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8308VMAFDA Datasheet(PDF) 62 Page - Freescale Semiconductor, Inc

Part # MPC8308VMAFDA
Description  MPC8308 PowerQUICC II Pro Processor Hardware Specification
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8308VMAFDA Datasheet(HTML) 62 Page - Freescale Semiconductor, Inc

Back Button MPC8308VMAFDA Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8308VMAFDA Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8308VMAFDA Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8308VMAFDA Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8308VMAFDA Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8308VMAFDA Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8308VMAFDA Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8308VMAFDA Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8308VMAFDA Datasheet HTML 66Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 88 page
background image
MPC8308 PowerQUICC II Pro Processor Hardware Specification, Rev. 0
62
Freescale Semiconductor
Package and Pin Listings
Figure 50 shows the SPI timing in slave mode (external clock).
Figure 50. SPI AC Timing in Slave Mode (External Clock) Diagram
Figure 51 shows the SPI timing in master mode (internal clock).
Figure 51. SPI AC Timing in Master Mode (Internal Clock) Diagram
20 Package and Pin Listings
This section details package parameters, pin assignments, and dimensions. The MPC8308 is available in
a Moulded Array Process Ball Grid Array (MAPBGA). For information on the MAPBGA, see
Section 20.1, “Package Parameters for the MPC8308 MAPBGA,” and Section 20.2, “Mechanical
Dimensions of the MPC8308 MAPBGA.”
20.1
Package Parameters for the MPC8308 MAPBGA
The package parameters are as provided in the following list. The package type is 19 mm
× 19 mm, 473
MAPBGA.
Package outline
19 mm
× 19 mm
Interconnects
473
Pitch
0.80 mm
Module height (typical)
1.39 mm
Solder Balls
96.5 Sn/ 3.5Ag
Ball diameter (typical)
0.40 mm
SPICLK (input)
tNEIXKH
tNEIVKH
tNEKHOV
Input Signals:
SPIMOSI
(See Note)
Output Signals:
SPIMISO
(See Note)
Note: The clock edge is selectable on SPI.
SPICLK (output)
tNIIXKH
tNIKHOV
Input Signals:
SPIMISO
(See Note)
Output Signals:
SPIMOSI
(See Note)
Note: The clock edge is selectable on SPI.
tNIIVKH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com