Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F707T-E/ML Datasheet(PDF) 101 Page - Microchip Technology

Part # PIC16F707T-E/ML
Description  40/44-Pin, Flash Microcontrollers with nanoWatt XLP and mTouch??Technology
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F707T-E/ML Datasheet(HTML) 101 Page - Microchip Technology

Back Button PIC16F707T-E/ML Datasheet HTML 97Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 98Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 99Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 100Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 101Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 102Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 103Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 104Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 105Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 284 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41418A-page 101
PIC16F707/PIC16LF707
13.1
Timer1/3 Operation
The Timer1 and Timer3 modules are 16-bit increment-
ing counters which are accessed through the
TMRxH:TMRxL register pair. Writes to TMRxH or
TMRxL directly update the counter.
When used with an internal clock source, the module is
a timer and increments on every instruction cycle.
When used with an external clock source, the module
can be used as either a timer or counter and incre-
ments on every selected edge of the external source.
Timer1/3 is enabled by configuring the TMRxON and
TMRxGE bits in the TxCON and TxGCON registers,
respectively. Table 13-2 displays the Timer1/3 enable
selections.
13.2
Clock Source Selection
The TMRxCS<1:0> bits of the TxCON register and the
T1OSCEN bit of the T1CON register are used to select
the clock source for Timer1/3. Table 13-3 displays the
clock source selections.
13.2.1
INTERNAL CLOCK SOURCE
When the internal clock source is selected, the
TMRxH:TMRxL register pair will increment on multiples
of FOSC as determined by the Timer1/3 prescaler.
13.2.2
EXTERNAL CLOCK SOURCE
When the external clock source is selected, the
Timer1/3 modules may work as a timer or a counter.
When enabled to count, Timer1/3 is incremented on the
rising edge of the external clock input TxCKI or a
capacitive sensing oscillator signal. Either of these
external clock sources can be synchronized to the
microcontroller system clock or they can be run
asynchronously. If set for the capacitive sensing
oscillator signal, Timer1 will use the CPS A signal and
Timer3 will use the CPS B signal (see Table 13-1).
When used as a timer with a clock oscillator, an
external 32.768 kHz crystal can be used in conjunction
with the dedicated internal oscillator circuit. Only one
dedicated internal oscillator circuit is available. See
Section 13.4
“Timer1/3
Oscillator”
for
more
information.
TABLE 13-2:
TIMER1/3 ENABLE
SELECTIONS
TMRxON
TMRxGE
Timer1/3
Operation
00
Off
01
Off
10
Always On
11
Count Enabled
Note:
In Counter mode, a falling edge must be
registered by the counter prior to the first
incrementing rising edge after any one or
more of the following conditions:
• Timer1/3 enabled after POR reset
• Write to TMRxH or TMRxL
• Timer1/3 is disabled
• Timer1/3 is disabled (TMRxON = 0)
when TxCKI is high, then Timer1/3 is
enabled (TMRxON=1) when TxCKI is
low.
TABLE 13-3:
CLOCK SOURCE SELECTIONS
TMRxCS1
TMRxCS0
T1OSCEN
Timer1 Clock Source
Timer3 Clock Source
01
x
System Clock (FOSC)
System Clock (FOSC)
00
x
Instruction Clock (FOSC/4)
Instruction Clock (FOSC/4)
11
x
Capacitive Sensing A Oscillator
Capacitive Sensing B Oscillator
10
0
External Clocking on T1CKI Pin
External Clocking on T3CKI Pin
10
1
Oscillator Circuit on T1OSI/
T1OSO Pins
Oscillator Circuit on T1OSI/
T1OSO Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com