Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F707T-E/ML Datasheet(PDF) 102 Page - Microchip Technology

Part # PIC16F707T-E/ML
Description  40/44-Pin, Flash Microcontrollers with nanoWatt XLP and mTouch??Technology
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F707T-E/ML Datasheet(HTML) 102 Page - Microchip Technology

Back Button PIC16F707T-E/ML Datasheet HTML 98Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 99Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 100Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 101Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 102Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 103Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 104Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 105Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 106Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 284 page
background image
PIC16F707/PIC16LF707
DS41418A-page 102
Preliminary
 2010 Microchip Technology Inc.
13.3
Timer1/3 Prescaler
Timer1 and Timer3 have four prescaler options allowing
1, 2, 4 or 8 divisions of the clock input. The TxCKPS bits
of the TxCON register control the prescale counter. The
prescale counter is not directly readable or writable;
however, the prescaler counter is cleared upon a write to
TMRxH or TMRxL.
13.4
Timer1/3 Oscillator
A dedicated low-power 32.768 kHz oscillator circuit is
built-in between pins T1OSI (input) and T1OSO
(amplifier output). This internal circuit is to be used in
conjunction with an external 32.768 kHz crystal.
The oscillator circuit is enabled by setting the
T1OSCEN bit of the T1CON register. The oscillator can
provide a clock source to Timer1 and/or Timer3. The
oscillator will continue to run during Sleep.
13.5
Timer1/3 Operation in
Asynchronous Counter Mode
If control bit TxSYNC of the TxCON register is set, the
external clock input is not synchronized. The timer
increments asynchronously to the internal phase
clocks. If external clock source is selected, then the
timer will continue to run during Sleep and can
generate an interrupt on overflow, which will wake-up
the processor. However, special precautions in
software are needed to read/write the timer (see
Section 13.5.1 “Reading and Writing Timer1/3 in
Asynchronous Counter Mode”).
13.5.1
READING AND WRITING TIMER1/3
IN ASYNCHRONOUS COUNTER
MODE
Reading TMRxH or TMRxL while the timer is running
from an external asynchronous clock will ensure a valid
read (taken care of in hardware). However, the user
should keep in mind that reading the 16-bit timer in two
8-bit values itself poses certain problems, since the
timer may overflow between the reads.
For writes, it is recommended that the user simply stop
the timer and write the desired values. A write
contention may occur by writing to the timer registers,
while the register is incrementing. This may produce an
unpredictable value in the TMRxH:TMRxL register pair.
13.6
Timer1/3 Gate
Timer1/3 can be configured to count freely or the count
can be enabled and disabled using Timer1/3 gate
circuitry. This is also referred to as Timer1/3 gate count
enable.
Timer1/3 gate can also be driven by multiple selectable
sources.
13.6.1
TIMER1/3 GATE COUNT ENABLE
The Timer1/3 gate is enabled by setting the TMRxGE bit
of the TxGCON register. The polarity of the Timer1/3
gate is configured using the TxGPOL bit of the TxGCON
register.
When Timer1/3 gate (TxG) input is active, Timer1/3 will
increment on the rising edge of the Timer1/3 clock
source. When Timer1/3 gate input is inactive, no incre-
menting will occur and Timer1/3 will hold the current
count. See Figure 13-3 for timing details.
13.6.2
TIMER1/3 GATE SOURCE
SELECTION
The Timer1/3 gate source can be selected from one of
four different sources. Source selection is controlled by
the TxGSS bits of the TxGCON register. The polarity
for each available source is also selectable. Polarity
selection is controlled by the TxGPOL bit of the
TxGCON register.
Note:
The oscillator requires a start-up and
stabilization time before use. Thus,
T1OSCEN should be set and a suitable
delay observed prior to enabling Timer1/3.
TABLE 13-4:
TIMER1/3 GATE ENABLE
SELECTIONS
TxCLK TxGPOL
TxG
Timer1/3 Operation
00
Counts
01
Holds Count
10
Holds Count
11
Counts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com