Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC30F2012AT-30I/P Datasheet(PDF) 3 Page - Microchip Technology

Part # DSPIC30F2012AT-30I/P
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  206 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2012AT-30I/P Datasheet(HTML) 3 Page - Microchip Technology

  DSPIC30F2012AT-30I/P Datasheet HTML 1Page - Microchip Technology DSPIC30F2012AT-30I/P Datasheet HTML 2Page - Microchip Technology DSPIC30F2012AT-30I/P Datasheet HTML 3Page - Microchip Technology DSPIC30F2012AT-30I/P Datasheet HTML 4Page - Microchip Technology DSPIC30F2012AT-30I/P Datasheet HTML 5Page - Microchip Technology DSPIC30F2012AT-30I/P Datasheet HTML 6Page - Microchip Technology DSPIC30F2012AT-30I/P Datasheet HTML 7Page - Microchip Technology DSPIC30F2012AT-30I/P Datasheet HTML 8Page - Microchip Technology DSPIC30F2012AT-30I/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 206 page
background image
© 2008 Microchip Technology Inc.
DS70139F-page 3
dsPIC30F2011/2012/3012/3013
High-Performance Modified RISC CPU:
• Modified Harvard architecture
• C compiler optimized instruction set architecture
• Flexible addressing modes
• 83 base instructions
• 24-bit wide instructions, 16-bit wide data path
• Up to 24 Kbytes on-chip Flash program space
• Up to 2 Kbytes of on-chip data RAM
• Up to 1 Kbytes of nonvolatile data EEPROM
• 16 x 16-bit working register array
• Up to 30 MIPS operation:
- DC to 40 MHz external clock input
- 4 MHz - 10 MHz oscillator input with
PLL active (4x, 8x, 16x)
• Up to 21 interrupt sources:
- 8 user-selectable priority levels
- 3 external interrupt sources
- 4 processor trap sources
DSP Features:
• Dual data fetch
• Modulo and Bit-Reversed modes
• Two 40-bit wide accumulators with optional
saturation logic
• 17-bit x 17-bit single-cycle hardware fractional/
integer multiplier
• All DSP instructions are single cycle
- Multiply-Accumulate (MAC) operation
• single-cycle ±16 shift
Peripheral Features:
• High-current sink/source I/O pins: 25 mA/25 mA
• Three 16-bit timers/counters; optionally pair up
16-bit timers into 32-bit timer modules
• 16-bit Capture input functions
• 16-bit Compare/PWM output functions
• 3-wire SPI modules (supports four Frame modes)
•I2C™ module supports Multi-Master/Slave mode
and 7-bit/10-bit addressing
• Up to two addressable UART modules with FIFO
buffers
Analog Features:
• 12-bit Analog-to-Digital Converter (ADC) with:
- 200 ksps conversion rate
- Up to 10 input channels
- Conversion available during Sleep and Idle
• Programmable Low-Voltage Detection (PLVD)
• Programmable Brown-out Reset
Special Microcontroller Features:
• Enhanced Flash program memory:
- 10,000 erase/write cycle (min.) for
industrial temperature range, 100K (typical)
• Data EEPROM memory:
- 100,000 erase/write cycle (min.) for
industrial temperature range, 1M (typical)
• Self-reprogrammable under software control
• Power-on Reset (POR), Power-up Timer (PWRT)
and Oscillator Start-up Timer (OST)
• Flexible Watchdog Timer (WDT) with on-chip
low-power RC oscillator for reliable operation
• Fail-Safe Clock Monitor operation:
- Detects clock failure and switches to on-chip
low-power RC oscillator
• Programmable code protection
• In-Circuit Serial Programming™ (ICSP™)
• Selectable Power Management modes:
- Sleep, Idle and Alternate Clock modes
CMOS Technology:
• Low-power, high-speed Flash technology
• Wide operating voltage range (2.5V to 5.5V)
• Industrial and Extended temperature ranges
• Low-power consumption
Note:
This data sheet summarizes features of
this group of dsPIC30F devices and is not
intended to be a complete reference
source. For more information on the CPU,
peripherals, register descriptions and gen-
eral device functionality, refer to the
“dsPIC30F Family Reference Manual”
(DS70046). For more information on the
device instruction set and programming,
refer to the “dsPIC30F/33F Programmer’s
Reference Manual” (DS70157).
High-Performance, 16-bit Digital Signal Controllers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com