Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC30F2012AT-30I/P Datasheet(PDF) 83 Page - Microchip Technology

Part # DSPIC30F2012AT-30I/P
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  206 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2012AT-30I/P Datasheet(HTML) 83 Page - Microchip Technology

Back Button DSPIC30F2012AT-30I/P Datasheet HTML 79Page - Microchip Technology DSPIC30F2012AT-30I/P Datasheet HTML 80Page - Microchip Technology DSPIC30F2012AT-30I/P Datasheet HTML 81Page - Microchip Technology DSPIC30F2012AT-30I/P Datasheet HTML 82Page - Microchip Technology DSPIC30F2012AT-30I/P Datasheet HTML 83Page - Microchip Technology DSPIC30F2012AT-30I/P Datasheet HTML 84Page - Microchip Technology DSPIC30F2012AT-30I/P Datasheet HTML 85Page - Microchip Technology DSPIC30F2012AT-30I/P Datasheet HTML 86Page - Microchip Technology DSPIC30F2012AT-30I/P Datasheet HTML 87Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 206 page
background image
© 2008 Microchip Technology Inc.
DS70139F-page 83
dsPIC30F2011/2012/3012/3013
11.0 INPUT CAPTURE MODULE
This section describes the input capture module and
associated operational modes. The features provided
by this module are useful in applications requiring
frequency (period) and pulse measurement.
Figure 11-1 depicts a block diagram of the input
capture module. Input capture is useful for such modes
as:
• Frequency/Period/Pulse Measurements
• Additional Sources of External Interrupts
Important operational features of the input capture
module are:
• Simple Capture Event mode
• Timer2 and Timer3 mode selection
• Interrupt on input capture event
These operating modes are determined by setting the
appropriate bits in the IC1CON and IC2CON registers.
The dsPIC30F2011/2012/3012/3013 devices have two
capture channels.
11.1
Simple Capture Event Mode
The simple capture events in the dsPIC30F product
family are:
• Capture every falling edge
• Capture every rising edge
• Capture every 4th rising edge
• Capture every 16th rising edge
• Capture every rising and falling edge
These simple Input Capture modes are configured by
setting the appropriate bits, ICM<2:0> (ICxCON<2:0>).
11.1.1
CAPTURE PRESCALER
There are four input capture prescaler settings
specified by bits ICM<2:0> (ICxCON<2:0>). Whenever
the capture channel is turned off, the prescaler counter
is cleared. In addition, any Reset clears the prescaler
counter.
FIGURE 11-1:
INPUT CAPTURE MODE BLOCK DIAGRAM
Note:
This data sheet summarizes features of
this group of dsPIC30F devices and is not
intended to be a complete reference
source. For more information on the CPU,
peripherals, register descriptions and
general device functionality, refer to the
“dsPIC30F Family Reference Manual”
(DS70046).
ICxBUF
Prescaler
ICx pin
ICM<2:0>
Mode Select
3
Note:
Where ‘x’ is shown, reference is made to the registers or bits associated to the respective input capture
channel (1 or 2).
10
Set Flag
ICxIF
ICTMR
T2_CNT
T3_CNT
Edge
Detection
Logic
Clock
Synchronizer
1, 4, 16
From GP Timer Module
16
16
FIFO
R/W
Logic
ICI<1:0>
ICBNE, ICOV
ICxCON
Interrupt
Logic
Set Flag
ICxIF
Data Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com