Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC30F2012AT-30I/P Datasheet(PDF) 92 Page - Microchip Technology

Part # DSPIC30F2012AT-30I/P
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  206 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2012AT-30I/P Datasheet(HTML) 92 Page - Microchip Technology

Back Button DSPIC30F2012AT-30I/P Datasheet HTML 88Page - Microchip Technology DSPIC30F2012AT-30I/P Datasheet HTML 89Page - Microchip Technology DSPIC30F2012AT-30I/P Datasheet HTML 90Page - Microchip Technology DSPIC30F2012AT-30I/P Datasheet HTML 91Page - Microchip Technology DSPIC30F2012AT-30I/P Datasheet HTML 92Page - Microchip Technology DSPIC30F2012AT-30I/P Datasheet HTML 93Page - Microchip Technology DSPIC30F2012AT-30I/P Datasheet HTML 94Page - Microchip Technology DSPIC30F2012AT-30I/P Datasheet HTML 95Page - Microchip Technology DSPIC30F2012AT-30I/P Datasheet HTML 96Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 206 page
background image
dsPIC30F2011/2012/3012/3013
DS70139F-page 92
© 2008 Microchip Technology Inc.
FIGURE 13-1:
SPI BLOCK DIAGRAM
Figure 13-2 depicts the a master/slave connection
between two processors. In Master mode, the clock is
generated by prescaling the system clock. Data is
transmitted as soon as a value is written to SPI1BUF.
The interrupt is generated at the middle of the transfer
of the last bit.
In Slave mode, data is transmitted and received as
external clock pulses appear on SCK. Again, the
interrupt is generated when the last bit is latched. If
SS1 control is enabled, then transmission and
reception are enabled only when SS1 = low. The SDO1
output will be disabled in SS1 mode with SS1 high.
The clock provided to the module is (FOSC/4). This
clock is then prescaled by the primary (PPRE<1:0>)
and the secondary (SPRE<2:0>) prescale factors. The
CKE bit determines whether transmit occurs on
transition from active clock state to Idle clock state, or
vice versa. The CKP bit selects the Idle state (high or
low) for the clock.
13.1.1
WORD AND BYTE
COMMUNICATION
A control bit, MODE16 (SPI1CON<10>), allows the
module to communicate in either 16-bit or 8-bit mode.
16-bit operation is identical to 8-bit operation except
that the number of bits transmitted is 16 instead of 8.
The user software must disable the module prior to
changing the MODE16 bit. The SPI module is reset
when the MODE16 bit is changed by the user.
A basic difference between 8-bit and 16-bit operation is
that the data is transmitted out of bit 7 of the SPI1SR
for 8-bit operation, and data is transmitted out of bit 15
of the SPI1SR for 16-bit operation. In both modes, data
is shifted into bit 0 of the SPI1SR.
13.1.2
SDO1 DISABLE
A control bit, DISSDO, is provided to the SPI1CON
register to allow the SDO1 output to be disabled. This
will allow the SPI module to be connected in an input
only configuration. SDO1 can also be used for general
purpose I/O.
13.2
Framed SPI Support
The module supports a basic framed SPI protocol in
Master or Slave mode. The control bit, FRMEN,
enables framed SPI support and causes the SS1 pin to
perform the Frame Synchronization Pulse (FSYNC)
function. The control bit, SPIFSD, determines whether
the SS1 pin is an input or an output (i.e., whether the
module
receives
or
generates
the
Frame
Synchronization Pulse). The frame pulse is an
active-high pulse for a single SPI clock cycle. When
Frame
Synchronization
is
enabled,
the
data
transmission starts only on the subsequent transmit
edge of the SPI clock.
Read
Write
Internal
Data Bus
SDI1
SDO1
SS1
SCK1
SPI1SR
SPIxBUF
bit 0
Shift
Clock
Edge
Select
FCY
Primary
1, 4, 16, 64
Enable Master Clock
Prescaler
Secondary
Prescaler
1:1 – 1:8
SS & FSYNC
Control
Clock
Control
Transmit
SPIxBUF
Receive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com