Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC30F2012AT-30I/P Datasheet(PDF) 35 Page - Microchip Technology

Part # DSPIC30F2012AT-30I/P
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  206 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2012AT-30I/P Datasheet(HTML) 35 Page - Microchip Technology

Back Button DSPIC30F2012AT-30I/P Datasheet HTML 31Page - Microchip Technology DSPIC30F2012AT-30I/P Datasheet HTML 32Page - Microchip Technology DSPIC30F2012AT-30I/P Datasheet HTML 33Page - Microchip Technology DSPIC30F2012AT-30I/P Datasheet HTML 34Page - Microchip Technology DSPIC30F2012AT-30I/P Datasheet HTML 35Page - Microchip Technology DSPIC30F2012AT-30I/P Datasheet HTML 36Page - Microchip Technology DSPIC30F2012AT-30I/P Datasheet HTML 37Page - Microchip Technology DSPIC30F2012AT-30I/P Datasheet HTML 38Page - Microchip Technology DSPIC30F2012AT-30I/P Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 206 page
background image
© 2008 Microchip Technology Inc.
DS70139F-page 35
dsPIC30F2011/2012/3012/3013
3.2
Data Address Space
The core has two data spaces. The data spaces can be
considered
either
separate
(for
some
DSP
instructions), or as one unified linear address range (for
MCU instructions). The data spaces are accessed
using two Address Generation Units (AGUs) and
separate data paths.
3.2.1
DATA SPACE MEMORY MAP
The data space memory is split into two blocks, X and
Y data space. A key element of this architecture is that
Y space is a subset of X space, and is fully contained
within X space. In order to provide an apparent Linear
Addressing space, X and Y spaces have contiguous
addresses.
When executing any instruction other than one of the
MAC class of instructions, the X block consists of the
64-Kbyte data address space (including all Y
addresses). When executing one of the MAC class of
instructions, the X block consists of the 64-Kbyte data
address space, excluding the Y address block (for data
reads only). In other words, all other instructions regard
the entire data memory as one composite address
space. The MAC class instructions extract the
Y address space from data space and address it using
EAs sourced from W10 and W11. The remaining X data
space is addressed using W8 and W9. Both address
spaces are concurrently accessed only with the MAC
class instructions.
The data space memory map for the dsPIC30F2011
and dsPIC30F2012 is shown in Figure 3-7. The data
space memory map for the dsPIC30F3012 and
dsPIC30F3013 is shown in Figure 3-8.
FIGURE 3-7:
dsPIC30F2011/2012 DATA SPACE MEMORY MAP
0x0000
0x07FE
0x09FE
0xFFFE
LSB
Address
16 bits
LSB
MSB
MSB
Address
0x0001
0x07FF
0x09FF
0xFFFF
0x8001
0x8000
Optionally
Mapped
into Program
Memory
0x0BFF
0x0BFE
0x0C00
0x0C01
0x0801
0x0800
0x0A01
0x0A00
Near
Data
0x1FFE
0x1FFF
2 Kbyte
SFR Space
1 Kbyte
SRAM Space
8 Kbyte
Space
X Data
Unimplemented (X)
SFR Space
X Data RAM (X)
Y Data RAM (Y)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com