Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP242P Datasheet(PDF) 34 Page - Power Integrations, Inc.

Part # TOP242P
Description  Family Extended Power, Design Flexible,Integrated Off-line Switcher
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP242P Datasheet(HTML) 34 Page - Power Integrations, Inc.

Back Button TOP242P Datasheet HTML 30Page - Power Integrations, Inc. TOP242P Datasheet HTML 31Page - Power Integrations, Inc. TOP242P Datasheet HTML 32Page - Power Integrations, Inc. TOP242P Datasheet HTML 33Page - Power Integrations, Inc. TOP242P Datasheet HTML 34Page - Power Integrations, Inc. TOP242P Datasheet HTML 35Page - Power Integrations, Inc. TOP242P Datasheet HTML 36Page - Power Integrations, Inc. TOP242P Datasheet HTML 37Page - Power Integrations, Inc. TOP242P Datasheet HTML 38Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
TOP242-249
34
E
7/01
August 8, 2000
ABSOLUTE MAXIMUM RATINGS(1)
DRAIN Voltage ............................................ -0.3 to 700 V
DRAIN Peak Current: TOP242 ............................... 0.72 A
TOP243 ............................... 1.44 A
TOP244 ............................... 2.16 A
TOP245 ............................... 2.88 A
TOP246 ............................... 4.32 A
TOP247 ............................... 5.76 A
TOP248 ............................... 7.20 A
TOP249 ............................... 8.64 A
CONTROL Voltage .......................................... -0.3 to 9 V
CONTROL Current ............................................... 100 mA
I
C = 3 mA;
T
J = 25 °C
I
C =
I
CD1
f
OSC
DC
(ONSET
)
f
OSC (DMIN)
∆f
f
M
DC
MAX
t
SOFT
CONTROL FUNCTIONS
Conditions
(Unless Otherwise Specified)
See Figure 53
SOURCE = 0 V
; T
J = -40 to 125 °C
Min
Typ
Max
Parameter
Symbol
Units
THERMAL IMPEDANCE
kHz
%
kHz
kHz
Hz
%
ms
Thermal Impedance: Y Package (
θ
JA)
(1) ............... 70
°C/W
(
θ
JC)
(2) ................ 2
°C/W
P or G Package:
(
θ
JA) ...... 45 °C/W
(3); 35
°C/W (4)
(
θ
JC)
(5) ......................... 11
°C/W
Notes:
1. Free standing with no heatsink.
2. Measured at the back surface of tab.
3. Soldered to 0.36 sq. inch (232 mm2), 2oz. (610 gm/m2) copper clad.
4. Soldered to 1 sq. inch (645 mm2), 2oz. (610 gm/m2) copper clad.
5. Measured on the SOURCE pin close to plastic interface.
124
132
140
61.5
66
70.5
10
30
15
± 4
± 2
250
75
78
83
28
38
50
10
15
FREQUENCY Pin
Connected to SOURCE
FREQUENCY Pin
Connected to CONTROL
132 kHz Operation
66 kHz Operation
I
L ≤ IL (DC) or IM ≤ IM(DC)
I
L or IM = 190 µA
T
J = 25 °C; DCMIN to DCMAX
Switching
Frequency
(average)
Duty Cycle at
ONSET of Fre-
quency Reduction
Switching
Frequency near
0% Duty Cycle
Frequency Jitter
Deviation
Frequency Jitter
Modulation Rate
Maximum Duty
Cycle
Soft Start Time
132 kHz Operation
66 kHz Operation
LINE SENSE Pin Voltage ................................ -0.3 to 9 V
CURRENT LIMIT Pin Voltage ..................... -0.3 to 4.5 V
MULTI-FUNCTION Pin Voltage .................... -0.3 to 9 V
FREQUENCY Pin Voltage ............................... -0.3 to 9 V
Storage Temperature ..................................... -65 to 150
°C
Operating Junction Temperature (2) ............... -40 to 150
°C
Lead Temperature (3) ............................................... 260
°C
Notes:
1. All voltages referenced to SOURCE, T
A = 25 °C.
2. Normally limited by internal circuitry.
3. 1/16" from case for 5 seconds.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com