Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP242P Datasheet(PDF) 18 Page - Power Integrations, Inc.

Part # TOP242P
Description  Family Extended Power, Design Flexible,Integrated Off-line Switcher
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP242P Datasheet(HTML) 18 Page - Power Integrations, Inc.

Back Button TOP242P Datasheet HTML 14Page - Power Integrations, Inc. TOP242P Datasheet HTML 15Page - Power Integrations, Inc. TOP242P Datasheet HTML 16Page - Power Integrations, Inc. TOP242P Datasheet HTML 17Page - Power Integrations, Inc. TOP242P Datasheet HTML 18Page - Power Integrations, Inc. TOP242P Datasheet HTML 19Page - Power Integrations, Inc. TOP242P Datasheet HTML 20Page - Power Integrations, Inc. TOP242P Datasheet HTML 21Page - Power Integrations, Inc. TOP242P Datasheet HTML 22Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
TOP242-249
18
E
7/01
August 8, 2000
Typical Uses of LINE-SENSE (L) and EXTERNAL CURRENT LIMIT (X) Pins (cont.)
Figure 28. Line-Sensing and Externally Set Current Limit.
PI-2640-040501
DC
Input
Voltage
+
-
D
S
C
CONTROL
L
ON/OFF
47 k
Ω
QR can be an optocoupler
output or can be replaced by
a manual switch.
300 k
Ω
Q
R
Figure 29. Active-on Remote ON/OFF.
X
PI-2629-040501
DC
Input
Voltage
+
-
D
S
C
CONTROL
L
R
IL
R
LS
12 k
Ω
2 M
Ω
VUV = IUV x RLS
VOV = IOV x RLS
For RLS = 2 M
Ω
DCMAX@100 VDC = 78%
DCMAX@375 VDC = 38%
For RIL = 12 k
Ω
ILIMIT = 69%
See fig. 55 for other
resistor values (RIL)
to select different ILIMIT
values
VUV = 100 VDC
VOV = 450 VDC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com