Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP242P Datasheet(PDF) 35 Page - Power Integrations, Inc.

Part # TOP242P
Description  Family Extended Power, Design Flexible,Integrated Off-line Switcher
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP242P Datasheet(HTML) 35 Page - Power Integrations, Inc.

Back Button TOP242P Datasheet HTML 31Page - Power Integrations, Inc. TOP242P Datasheet HTML 32Page - Power Integrations, Inc. TOP242P Datasheet HTML 33Page - Power Integrations, Inc. TOP242P Datasheet HTML 34Page - Power Integrations, Inc. TOP242P Datasheet HTML 35Page - Power Integrations, Inc. TOP242P Datasheet HTML 36Page - Power Integrations, Inc. TOP242P Datasheet HTML 37Page - Power Integrations, Inc. TOP242P Datasheet HTML 38Page - Power Integrations, Inc. TOP242P Datasheet HTML 39Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
TOP242-249
35
August 8, 2000
E
7/01
CONTROL FUNCTIONS (cont.)
Conditions
(Unless Otherwise Specified)
See Figure 53
SOURCE = 0 V
; T
J = -40 to 125 °C
Min
Typ
Max
Parameter
Symbol
Units
See Note A
See Figure 7
T
J = 25 °C
I
C =
4 mA; T
J = 25 °C
See Figure 51
DC
reg
l
B
lC
(OFF)
Z
C
PWM Gain
Temperature Drift
External Bias
Current
CONTROL
Current at 0%
Duty Cycle
Dynamic
Impedance
Dynamic
Impedance
Temperature Drift
Control Pin
Internal Filter Pole
%/mA/
°C
mA
mA
Ω
%/
°C
kHz
SHUTDOWN/AUTO-RESTART
V
C = 0 V
V
C = 5 V
l
C (CH)
V
C(AR)U
V
C(AR)L
V
C(AR)hyst
DC
(AR)
f
(AR)
Control Pin
Charging Current
Charging Current
Temperature Drift
Auto-restart Upper
Threshold Voltage
Auto-restart Lower
Threshold Voltage
Auto-restart
Hysteresis Voltage
Auto-restart Duty
Cycle
Auto-restart
Frequency
mA
%/
°C
V
V
V
%
Hz
-5.0
-3.5
-2.0
-3.0
-1.8
-0.6
0.5
5.8
4.5
4.8
5.1
0.8
1.0
48
1.0
T
J = 25 °C
See Note A
PWM Gain
I
C = 4 mA; TJ = 25 °C
-28
-23
-18
%/mA
TOP242-245
TOP246-249
TOP242-245
TOP246-249
-0.01
1.2
2.0
3.0
1.6
2.6
4.0
6.0
7.0
6.6
8.0
10
15
22
0.18
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com