Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP242P Datasheet(PDF) 22 Page - Power Integrations, Inc.

Part # TOP242P
Description  Family Extended Power, Design Flexible,Integrated Off-line Switcher
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP242P Datasheet(HTML) 22 Page - Power Integrations, Inc.

Back Button TOP242P Datasheet HTML 18Page - Power Integrations, Inc. TOP242P Datasheet HTML 19Page - Power Integrations, Inc. TOP242P Datasheet HTML 20Page - Power Integrations, Inc. TOP242P Datasheet HTML 21Page - Power Integrations, Inc. TOP242P Datasheet HTML 22Page - Power Integrations, Inc. TOP242P Datasheet HTML 23Page - Power Integrations, Inc. TOP242P Datasheet HTML 24Page - Power Integrations, Inc. TOP242P Datasheet HTML 25Page - Power Integrations, Inc. TOP242P Datasheet HTML 26Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
TOP242-249
22
E
7/01
August 8, 2000
A High Efficiency, Enclosed, 70 W, Universal Adapter Supply
The circuit shown in figure 42 takes advantage of several of the
TOPSwitch-GX features to reduce cost, power supply size and
increase efficiency. This design delivers 70 W at 19 V, from an
85 to 265 VAC input, at an ambient of 40
°C, in a small sealed
adapter case (4” x 2.15” x 1”). Full load efficiency is 85% at 85
VAC rising to 90% at 230 VAC input.
Due to the thermal environment of a sealed adapter a TOP249Y
is used to minimize device dissipation. Resistors R9 and R10
externally program the current limit level to just above the
operating peak DRAIN current at full load and low line. This
allows the use of a smaller transformer core size without saturation
during startup or output load transients. Resistors R9 and R10 also
reduce the current limit with increasing line voltage, limiting the
maximum overload power at high input line voltage, removing the
need for any protection circuitry on the secondary. Resistor R11
implements an under voltage and over voltage sense as well as
providing line feed forward for reduced output line frequency
ripple. With resistor R11 set at 2 M
Ω the power supply does not
start operating until the DC rail voltage reaches 100 VDC. On
removal of the AC input the UV sense prevents the output
glitching as C1 discharges, turning off the TOPSwitch-GX when
the output regulation is lost or when the input voltage falls to below
40 V, whichever occurs first. This same value of R11 sets the OV
threshold to 450 V. If exceeded, for example during a line surge,
TOPSwitch-GX stops switching for the duration of the surge
extending the high voltage withstand to 700 V without device
damage.
Capacitor C11 has been added in parallel with VR1 to reduce
Zener clamp dissipation. With a switching frequency of
132 kHz a PQ26/20 core can be used to provide 70 W. To
maximize efficiency, by reducing winding losses, two output
windings are used each with their own dual 100 V Schottky
rectifier (D2 and D3). The frequency reduction feature of the
TOPSwitch-GX eliminates any dummy loading to maintain
regulation at no-load and reduces the no-load consumption of
the power supply to only 520 mW at 230 VAC input. Frequency
jittering provides conducted EMI meeting the CISPR 22
(FCC B) / EN55022B specification, using simple filter
components (C7, L2, L3 and C6) even with the output earth
grounded.
To regulate the output an optocoupler (U2) is used with a
secondary reference sensing the output voltage via a resistor
divider (U3, R4, R5, R6). Diode D4 and C15 filter and smooth
the output of the bias winding. Capacitor C15 (1uF) prevents
the bias voltage from falling during zero to full load transients.
Resistor R8 provides filtering of leakage inductance spikes
keeping the bias voltage constant even at high output loads.
Resistor R7, C9 and C10 together with C5 and R3 provide loop
compensation.
Due to the large primary currents, all the small signal control
components are connected to a separate source node that is
Kelvin connected to the source pin of the TOPSwitch-GX. For
improved common mode surge immunity the bias winding
common returns directly to the DC bulk capacitor (C1).
Figure 42. 70 W Power Supply using Current Limit Reduction with Line and Line Sensing for UV and OV.
19 V
@ 3.6 A
TOP249Y
U1
U3
TL431
U2
PC817A
DL
SX
F
C
RTN
L2
820
µH
2A
C6
0.1
µF
X2
F1
3.15 A
BR1
RS805
8A 600 V
L3
75
µH
2A
t
°
T1
C13
0.33
µF
400 V
C12
0.022
µF
400 V
C11
0.01
µF
400 V
RT1
10
Ω
1.7 A
PI-2691-033001
All resistors 1/8 W 5% unless otherwise stated.
J1
L
N
CONTROL
CONTROL
TOPSwitch-GX
C1
150
µF
400 V
PERFORMANCE SUMMARY
Output Power:
70 W
Regulation:
± 4%
Efficiency:
≥ 84%
Ripple:
≤ 120 mV pk-pk
No Load Consumption:
< 0.52 W @ 230 VAC
C5
47
µF
16 V
C3
820
µF
25 V
L1
200
µH
C2
820
µF
25 V
C14
0.1
µF
50 V
C4
820
µF
25 V
C10
0.1
µF
50 V
C9
4.7 nF 50 V
C8
0.1
µF
50 V
VR1
P6KE-
200
D2
MBR20100
C7 2.2 nF
Y1 Safety
D3
MBR20100
D4
1N4148
R11
2 M
Ω
1/2 W
R9
13 M
Ω
R8
4.7
Ω
R1
270
Ω
R2
1 k
Ω
R5
562
Ω
1%
R4
31.6 k
Ω
1%
R7
56 k
Ω
R10
20.5 k
Ω
R3
6.8
Ω
R6
4.75 k
Ω
1%
C15
1
µF
50 V
D1
UF4006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com