Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4280CUFD Datasheet(PDF) 9 Page - Linear Technology

Part # LTC4280CUFD
Description  Hot Swap Controller with I2C Compatible Monitoring
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4280CUFD Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC4280CUFD Datasheet HTML 5Page - Linear Technology LTC4280CUFD Datasheet HTML 6Page - Linear Technology LTC4280CUFD Datasheet HTML 7Page - Linear Technology LTC4280CUFD Datasheet HTML 8Page - Linear Technology LTC4280CUFD Datasheet HTML 9Page - Linear Technology LTC4280CUFD Datasheet HTML 10Page - Linear Technology LTC4280CUFD Datasheet HTML 11Page - Linear Technology LTC4280CUFD Datasheet HTML 12Page - Linear Technology LTC4280CUFD Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
LTC4280
9
4280f
PIN FUNCTIONS
SCL: Serial Bus Clock Input. Data at the SDA pin is shifted
in or out on rising edges of SCL. This is a high impedance
pin that is generally driven by an open-collector output
from a master controller. An external pull-up resistor or
current source is required.
SDAO: Serial Bus Data Output. Open-drain output for
sendingdatabacktothemastercontrolleroracknowledging
a write operation. Normally tied to SDAI to form the SDA
line. An external pull-up resistor or current source is
required.
SDAI: Serial Bus Data Input. A high impedance input for
shifting in address, command or data bits. Normally tied
to SDAO to form the SDA line.
SENSE+: Positive Current Sense Input. Connect this pin to
the input of the current sense resistor. Must be connected
to the same trace as VDD.
SENSE–: Negative Current Sense Input. Connect this pin to
the output of the current sense resistor. This pin provides
sense voltage feedback and monitoring for the current
limit, circuit breaker and ADC.
SOURCE: N-Channel MOSFET Source and ADC Input.
Connect this pin to the source of the external N-channel
MOSFET switch for gate drive return. This pin also serves as
the ADC input to monitor output voltage. The pin provides
a return for the gate pulldown circuit.
TIMER: Start-Up Timer Input. Connect a capacitor
between this pin and ground to set a 12.3ms/μF duration
for start-up, after which an overcurrent fault is logged if
the inrush is still current limited. The duration of the off
time is 600ms/μF when overcurrent auto-retry is enabled,
resulting in a 1:50 duty cycle. An internal timer provides
a 100ms start-up time and 5 seconds auto-retry time if
this pin is tied to INTVCC.
UV: Undervoltage Comparator Input. Connect this pin
to an external resistive divider from VDD. If the voltage
at this pin falls below 1.155V, an undervoltage fault is
detected and the GATE turns off. Pulling this pin below
0.4V resets all faults and allows the GATE to turn back on.
Tie to INTVCC if unused.
VDD: Supply Voltage Input. This pin has an undervoltage
lockout threshold of 2.84V and overvoltage lockout
threshold of 15.6V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com