Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4280CUFD Datasheet(PDF) 12 Page - Linear Technology

Part # LTC4280CUFD
Description  Hot Swap Controller with I2C Compatible Monitoring
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4280CUFD Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC4280CUFD Datasheet HTML 8Page - Linear Technology LTC4280CUFD Datasheet HTML 9Page - Linear Technology LTC4280CUFD Datasheet HTML 10Page - Linear Technology LTC4280CUFD Datasheet HTML 11Page - Linear Technology LTC4280CUFD Datasheet HTML 12Page - Linear Technology LTC4280CUFD Datasheet HTML 13Page - Linear Technology LTC4280CUFD Datasheet HTML 14Page - Linear Technology LTC4280CUFD Datasheet HTML 15Page - Linear Technology LTC4280CUFD Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
LTC4280
12
4280f
The LTC4280 is designed to turn a board’s supply voltage
on and off in a controlled manner, allowing the board to be
safely inserted or removed from a live backplane. During
normal operation, the charge pump and gate driver turn
on an external N-channel MOSFET’s gate to pass power to
the load. The gate driver uses a charge pump that derives
its power from the VDD pin. Also included in the gate driver
is an internal 6.5V gate-to-source clamp. During start-up
the inrush current is tightly controlled by using current
limit foldback and output dV/dt limiting.
The current sense (CS) amplifier monitors the load
current using the difference between the SENSE+ and
SENSE– pin voltages. The CS amplifier limits the current
in the load by pulling back on the gate-to-source voltage
in an active control loop when the sense voltage exceeds
the commanded value. The CS amplifier requires 20μA
input bias current from both the SENSE+ and the
SENSE– pins.
A short-circuit on the output to ground results in exces-
sive power dissipation during active current limiting. To
limit this power, the CS amplifier regulates the voltage
between the SENSE+ and SENSE– pins at 26mV with
foldback to 10mV.
If an overcurrent condition persists, the internal circuit
breaker (CB) registers a fault when either the sense
voltage exceeds 25mV or the current sense amplifier
is in regulation for more than the time limit set by the
capacitor on the FILTER pin. This indicates to the logic
that it is time to turn off the GATE to prevent overheating.
At this point the start-up TIMER pin voltage ramps down
using the 2μA current source until the voltage drops below
0.2V (comparator TM1) which tells the logic that the pass
transistor has cooled and it is safe to turn it on again if
overcurrent auto-retry is enabled. If the TIMER pin is tied
to INTVCC, the cool-down time defaults to 5 seconds on
an internal system timer in the logic.
The output voltage is monitored using the FB pin and the
Power Good (PG) comparator to determine if the power
is available for the load. The power good condition can be
signaled by the GPIO pin using an open-drain pulldown
transistor. The GPIO pin may also be configured to signal
power bad, or as a general purpose input (GP comparator),
or a general purpose open drain output.
The Functional Diagram shows the monitoring blocks of
the LTC4280. The group of comparators on the left side
includes the undervoltage (UV), overvoltage (OV), reset
(RST), enable (EN) and signal on (ON) comparators. These
comparators determine if the external conditions are valid
prior to turning on the GATE. But first the two undervoltage
lockout circuits, UVLO1 and UVLO2, validate the input
supply and the internally generated 3.1V supply, INTVCC.
UVLO2 also generates the power-up initialization to the
logic circuits as INTVCC crosses this rising threshold. If the
fixed internal overvoltage comparator, OV2, detects that
VDD is greater than 15.6V, the part immediately generates
an overvoltage fault and turns the GATE off.
Included in the LTC4280 is an 8-bit A/D converter. The
converter has a 3-input multiplexer to select between the
ADIN pin, the SOURCE pin and the SENSE+ – SENSE–
voltage.
An I2C interface is provided to read the A/D registers. It
also allows the host to poll the device and determine if
faults have occurred. If the ALERT line is configured as an
interrupt, the host is enabled to respond to faults in real
time. The typical SDA line is divided into an SDAI (input)
and SDAO (output). This simplifies applications using an
optoisolator driven directly from the SDAO output. An
application which uses optoisolation is shown on the back
cover. The I2C device address is decoded using the ADR0,
ADR1 and ADR2 pins. These inputs have three states each
that decode into a total of 27 device addresses.
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com