Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4280CUFD Datasheet(PDF) 26 Page - Linear Technology

Part # LTC4280CUFD
Description  Hot Swap Controller with I2C Compatible Monitoring
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4280CUFD Datasheet(HTML) 26 Page - Linear Technology

Back Button LTC4280CUFD Datasheet HTML 20Page - Linear Technology LTC4280CUFD Datasheet HTML 21Page - Linear Technology LTC4280CUFD Datasheet HTML 22Page - Linear Technology LTC4280CUFD Datasheet HTML 23Page - Linear Technology LTC4280CUFD Datasheet HTML 24Page - Linear Technology LTC4280CUFD Datasheet HTML 25Page - Linear Technology LTC4280CUFD Datasheet HTML 26Page - Linear Technology LTC4280CUFD Datasheet HTML 27Page - Linear Technology LTC4280CUFD Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
LTC4280
26
4280f
TYPICAL APPLICATIONS
5V Backplane Resident Application with Insertion Activated Turn-On and a 5A Circuit Breaker
UV VDD SENSE
+
SENSE–
LTC4280UFD
GATE
INTVCC
TIMER ADR0 ADR1 ADR2 GND
SOURCE
OV
ON
SDAI
SDAO
SCL
ALERT
FB
GPIO
EN
ADIN
FILTER
R3
2.67k
1%
PLUG-IN
CARD
R2
1.74k
1%
R5
10Ω
RS
0.005Ω
Q1
FDD3706
R7
6.98k
1%
VOUT
5V
R8
2.67k
1%
R4
100k
4280 F13
CF
0.1μF
C3
0.1μF
R1
11.5k
1%
VIN
5V
BACKPLANE
CEN
1μF
CF
47nF
LOAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com