Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4280CUFD Datasheet(PDF) 28 Page - Linear Technology

Part # LTC4280CUFD
Description  Hot Swap Controller with I2C Compatible Monitoring
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4280CUFD Datasheet(HTML) 28 Page - Linear Technology

Back Button LTC4280CUFD Datasheet HTML 20Page - Linear Technology LTC4280CUFD Datasheet HTML 21Page - Linear Technology LTC4280CUFD Datasheet HTML 22Page - Linear Technology LTC4280CUFD Datasheet HTML 23Page - Linear Technology LTC4280CUFD Datasheet HTML 24Page - Linear Technology LTC4280CUFD Datasheet HTML 25Page - Linear Technology LTC4280CUFD Datasheet HTML 26Page - Linear Technology LTC4280CUFD Datasheet HTML 27Page - Linear Technology LTC4280CUFD Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
LTC4280
28
4280f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2010
LT 0510 • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LTC4151
High Voltage Current and Voltage Monitor
with ADC and I2C
7V to 80V Single Voltage/Current Monitor with 12-Bit ADC
LTC4210
Single Channel, Hot Swap Controller
Operates from 2.7V to 16.5V, Active Current Limiting, SOT23-6
LTC4211
Single Channel, Hot Swap Controller
Operates from 2.5V to 16.5V, Multifunction Current Control, MSOP-8 or MSOP-10
LTC4212
Single Channel, Hot Swap Controller
Operates from 2.5V to 16.5V, Power-Up Timeout, MSOP-10
LTC4215
Single Channel, Hot Swap Controller with
I2C Monitoring
Operates from 2.9V to 15V, 8-Bit ADC Monitors Current and Voltage
LTC4216
Single Channel, Hot Swap Controller
Operates from 0V to 6V, MSOP-10 or 12-Lead (4mm × 3mm) DFN
LTC4222
Dual Hot Swap Controller with ADC and I2C
2.9V to 29V Dual Controller with 10-Bit ADC, dl/dt Controlled Soft-Start
LTC4245
Multiple Supply CompactPCI or PCI Express
Hot Swap Controller with I2C
Internal 8-Bit ADC, dl/dt Controlled Soft-Start
LTC4260
Positive High Voltage Hot Swap Controller
with ADC and I2C
8-Bit ADC Monitoring Current and Voltages, Supplies from 8.5V to 80V
LTC4261
Negative High Voltage Hot Swap Controller
with ADC and I2C
10-Bit ADC Monitoring Current and Voltages, Supplies from –12V to –100V
UV VDD SENSE
+
SENSE–
LTC4280UFD
GATE
INTVCC
ADR0
ADR1
ADR2 GND
SOURCE
OV
SDAI
SDAO
SCL
ON
FB
ADIN
GPIO
EN
FILTER
TIMER
R5
10Ω
R6
15k
C1
22nF
RS
0.0015Ω
Q1
Si7880DP
–12V
R7
30.1k
1%
OUTPUT
–12V
R8
3.57k
1%
4280 F14
C3
0.1μF
D1
5.6V
R14
100k
R1
34.8k
1%
R2
1.18k
1%
R12
10k
R4
3.3k
R9
10k
R10
3.3k
–12V
R3
3.4k
1%
CTIMER
1μF
CF
0.1μF
CF
47nF
CL
1000μF
R13
3.3k
HCPL-0300
28
–7V
3
6
5
HCPL-0300
28
–7V
3
6
5
–7V
–7V
–7V
HCPL-0300
68
5
2
3
–7V
Q2
PLUG-IN
CARD
BACKPLANE
GND
5V
SDA
SCL
VIN
–12V
D2
P6KE16A
–12V Card Resident Application with Optically Isolated I2C and a 16.6A Circuit Breaker



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com