Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMP Datasheet(PDF) 3 Page - Power-One

Part # IMP
Description  1...12 Watt DC-DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

IMP Datasheet(HTML) 3 Page - Power-One

  IMP Datasheet HTML 1Page - Power-One IMP Datasheet HTML 2Page - Power-One IMP Datasheet HTML 3Page - Power-One IMP Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
www.power-one.ch
Edition 6/11.2001
Mechanical data
Tolerances
±0.3 mm (0.012") unless otherwise indicated.
European
Projection
IMP Series
1...12 Watt DC-DC Converters
Pin allocation IMP 1
Pin
Single output unit
Dual output unit
1Vi+
Vi+
2Vi+
Vi+
10
-
COM
11
-
COM
12
Vo–
-
13
Vo+
Vo–
15
-
Vo+
23
Vi–
Vi–
24
Vi–
Vi–
2.54 (0.1")
31.8 (1.25")
ø 0.5 (0.02")
()
S09034
Measuring point
of case temperature T
C
T
T
IMP 1, IMP 3
Alternative pinout IMP 3
Pin
Single output Dual output Double output
1
Vi+
Vi+
Vi+
2
Vi+
Vi+
Vi+
9
-
-
Go1
10
-
COM
-
11
-
COM
-
12
Vo–
-Vo1
13
Vo+
Vo–
Vo2
15
-
Vo+
-
16
-
-
Go2
20
SD
SD
SD
23
Vi–
Vi–
Vi–
24
Vi–
Vi–
Vi–
Industry standard pinout (option S)
Pin
Single output
Dual output
2Vi–
Vi–
3Vi–
Vi–
9
n.c.
COM
10
n.c.
n.c.
11
n.c.
Vo–
14
Vo+
Vo+
15
n.c.
n.c.
16
Vo–
COM
22
Vi+
Vi+
23
Vi+
Vi+



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com