Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMP Datasheet(PDF) 4 Page - Power-One

Part # IMP
Description  1...12 Watt DC-DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

IMP Datasheet(HTML) 4 Page - Power-One

  IMP Datasheet HTML 1Page - Power-One IMP Datasheet HTML 2Page - Power-One IMP Datasheet HTML 3Page - Power-One IMP Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
www.power-one.ch
Edition 6/11.2001
Board Mountable
IMP Series
IMP 6, IMP 12 with single or dual output
12 (0.47")
5 (0.2")
50.8 (2")
Vo+
5.08 (0.2")
2 x 10.2 (0.4")
Vi–
Vi+
Vo–
S09035
Measuring point of case temperature
T
C
COM
IMP 12 with triple output
Vo2+
12.7 (0.5")
Vi– Vi+
Vo3-
S09047
5 x 10.16 (0.42")
SD
COM
Vo1+
Measuring point of case temperature
T
C
50.8 (2")
3 x 5.08 (0.2")
12 (0.47")
5 (0.2")



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com