Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMP Datasheet(PDF) 1 Page - Power-One

Part # IMP
Description  1...12 Watt DC-DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

IMP Datasheet(HTML) 1 Page - Power-One

  IMP Datasheet HTML 1Page - Power-One IMP Datasheet HTML 2Page - Power-One IMP Datasheet HTML 3Page - Power-One IMP Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
www.power-one.ch
Edition 6/11.2001
• Wide input range
• Short circuit protection
• Low cost
IMP Series
1...12 Watt DC-DC Converters
Input voltage range up to 72 V DC
1, 2 or 3 outputs up to 30 V DC
1500 V DC I/O electric strength test voltage
Selection chart
Output 1
Output 2
Output 3
Type
Type
Type
Opt.
Uo nom Io nom
Uo nom Io nom
Uo nom Io nom
Input voltage
Input voltage
Input voltage
[V DC] [mA]
[V DC] [mA]
[V DC] [mA]
4.5...5.5 V DC
10...36 V DC
18...72 V DC
3.3
1500
-
-
-
-
5 IMP 6-03-7
24 IMP 6-03-7
48 IMP 6-03-7
-
3.3
3000
-
-
-
-
-
24 IMP 12-03-7
48 IMP 12-03-7
-
5
200
-
-
-
-
5 IMP 1-05-7
-
-
S
5
500
-
-
-
-
-
24 IMP 3-05-7
48 IMP 3-05-7
S
5
1000
-
-
-
-
5 IMP 6-05-7
24 IMP 6-05-7
48 IMP 6-05-7
-
5
2400
-
-
-
-
-
24 IMP 12-05-7
48 IMP 12-05-7
-
12
84
-
-
-
-
5 IMP 1-12-7
-
-
S
12
250
-
-
-
-
-
24 IMP 3-12-7
48 IMP 3-12-7
S
12
500
-
-
-
-
5 IMP 6-12-7
24 IMP 6-12-7
48 IMP 6-12-7
-
12
1000
-
-
-
-
-
24 IMP 12-12-7
48 IMP 12-12-7
-
15
66
-
-
-
-
5 IMP 1-15-7
-
-
S
15
200
-
-
-
-
-
24 IMP 3-15-7
48 IMP 3-15-7
S
15
400
-
-
-
-
5 IMP 6-15-7
24 IMP 6-15-7
48 IMP 6-15-7
-
15
800
-
-
-
-
-
24 IMP 12-15-7
48 IMP 12-15-7
-
+5
100
–5
100
-
-
5 IMP 1-0505-7 -
-
S
+5
250
–5
250
-
-
-
24 IMP 3-0505-7
48 IMP 3-0505-7
S
+5
500
–5
500
-
-
5 IMP 6-0505-7 24 IMP 6-0505-7
48 IMP 6-0505-7
-
+5
1200
–5
1200
-
-
-
24 IMP 12-0505-7
48 IMP 12-0505-7
-
+12
42
–12
42
-
-
5 IMP 1-1212-7 -
-
S
+12
125
–12
125
-
-
-
24 IMP 3-1212-7
48 IMP 3-1212-7
S
12
125
12
125
-
-
-
24 IMP 3-12-12-7
48 IMP 3-12-12-7
-
+12
250
–12
250
-
-
5 IMP 6-1212-7 24 IMP 6-1212-7
48 IMP 6-1212-7
-
+12
500
–12
500
-
-
-
24 IMP 12-1212-7
48 IMP 12-1212-7
-
+15
33
–15
33
-
-
5 IMP 1-1515-7 -
-
S
15
100
15
100
-
-
-
24 IMP 3-15-15-7
48 IMP 3-15-15-7
-
+15
100
–15
100
-
-
-
24 IMP 3-1515-7
48 IMP 3-1515-7
S
+15
200
–15
200
-
-
5 IMP 6-1515-7 24 IMP 6-1515-7
48 IMP 6-1515-7
-
+15
400
–15
400
-
-
-
24 IMP 12-1515-7
48 IMP 12-1515-7
-
5
250
5
250
-
-
-
24 IMP 3-05-05-7
48 IMP 3-05-05-7
-
5
1500
+12
200
–12
200
-
24 IMP 12-051212-7
48 IMP 12-051212-7
-
5
1500
+15
160
–15
160
-
24 IMP 12-051515-7
48 IMP 12-051515-7
-


Similar Part No. - IMP

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
IMP ASTEC-IMP Datasheet
809Kb / 8P
Intelligent MP Series Up to 1500 Watts
logo
Emerson Network Power
IMP EMERSON-NETWORKPOWER-IMP Datasheet
3Mb / 9P
Intelligent MP Series
IMP EMERSON-NETWORKPOWER-IMP Datasheet
3Mb / 8P
Intelligent MP
IMP EMERSON-NETWORKPOWER-IMP Datasheet
2Mb / 8P
Intelligent MP
logo
ORION FANS
IMP-154-22 ORIONFANS-IMP-154-22 Datasheet
5Mb / 8P
AC & EC FANS
More results

Similar Description - IMP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AM1L-0505SH30-N ETC-AM1L-0505SH30-N Datasheet
530Kb / 4P
1 watt dc-dc converters
logo
AIMTEC
AM1D AIMTEC-AM1D Datasheet
268Kb / 3P
1 watt dc-dc converters
AM1D-N AIMTEC-AM1D-N Datasheet
413Kb / 3P
1 watt dc-dc converters
AM1DR AIMTEC-AM1DR Datasheet
233Kb / 2P
1 watt dc-dc converters
AM1DR-N AIMTEC-AM1DR-N Datasheet
288Kb / 2P
1 watt dc-dc converters
AM1L-N AIMTEC-AM1L-N Datasheet
530Kb / 4P
1 watt dc-dc converters
AM1N-N AIMTEC-AM1N-N Datasheet
423Kb / 3P
1 watt dc-dc converters
AM1P-N AIMTEC-AM1P-N Datasheet
322Kb / 2P
1 watt dc-dc converters
AM1S-N AIMTEC-AM1S-N Datasheet
341Kb / 2P
1 watt dc-dc converters
logo
RSG Electronic Componen...
EC1SA01N RSG-EC1SA01N Datasheet
382Kb / 1P
1 WATT DC-DC CONVERTERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com