Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMP Datasheet(PDF) 2 Page - Power-One

Part # IMP
Description  1...12 Watt DC-DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

IMP Datasheet(HTML) 2 Page - Power-One

  IMP Datasheet HTML 1Page - Power-One IMP Datasheet HTML 2Page - Power-One IMP Datasheet HTML 3Page - Power-One IMP Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
www.power-one.ch
Edition 6/11.2001
Board Mountable
IMP Series
Input
Input voltage
continuous range, 5 V (IMP 1, IMP 6)
4.5...5.5 V DC
continuous range, 24 V
10...36 V DC
continuous range, 48 V
18...72 V DC
Reverse voltage protection
shunt diode
Output
Output voltage setting accuracy
Ui nom, lo nom
±2% U
o nom
Minimum load
recommended
20%
lo nom
Line regulation
Ui min...Ui max, lo nom
±1% U
o nom
Load regulation
Ui nom, 0...100% lo nom, regulated outputs
2%
Uo nom
tracking outputs
max. 6%
Uo nom
Output voltage switching noise
Ui nom, 20...100% lo nom, peak-peak, total
max. 3%
Uo nom
Efficiency
Ui nom, lo nom
up to 83 %
Control and protection
Overload protection
Ui min, full load
125%
Pi nom
No-load protection
Remote shut down
positive logic (floating or high signal = on)
Safety and EMC
Electric strength test voltage
I/O
1500 V DC
Electromagnetic interference
conducted with external filter
class B
Environmental
Operating ambient temperature
Ui nom, lo nom
–25...71
°C
Storage temperature
non operational
–40...100
°C
Relative humidity
non condensing
95 %
MTBF
MIL-HDBK-217F, N2
>3'700'000 h
Options
Industry standard pinout
IMP 1 and IMP 3
S
Accessories
DIN and chassis mounting bracket



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com