Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMS6005DT8 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # ZXMS6005DT8
Description  60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE INTELLIFET??MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMS6005DT8 Datasheet(HTML) 5 Page - Diodes Incorporated

  ZXMS6005DT8 Datasheet HTML 1Page - Diodes Incorporated ZXMS6005DT8 Datasheet HTML 2Page - Diodes Incorporated ZXMS6005DT8 Datasheet HTML 3Page - Diodes Incorporated ZXMS6005DT8 Datasheet HTML 4Page - Diodes Incorporated ZXMS6005DT8 Datasheet HTML 5Page - Diodes Incorporated ZXMS6005DT8 Datasheet HTML 6Page - Diodes Incorporated ZXMS6005DT8 Datasheet HTML 7Page - Diodes Incorporated ZXMS6005DT8 Datasheet HTML 8Page - Diodes Incorporated ZXMS6005DT8 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ZXMS6005DT8
Document Number DS32248 Rev. 1 - 2
5 of 9
www.diodes.com
June 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated).
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
CONDITIONS
Static Characteristics
Drain-Source Clamp Voltage
VDS(AZ)
60
65
70
V
ID=10mA
Off state Drain Current
IDSS
1
µA
VDS=12V, VIN=0V
Off state Drain Current
IDSS
2
uA
VDS=36V, VIN=0V
Input Threshold Voltage
VIN(th)
0.7
1
1.5
V
VDS=VGS, ID=1mA
Input Current
IIN
60
100
μA
VIN=+3V
Input Current
IIN
120
200
μA
VIN=+5V
Input Current while over
temperature active
300
μA
VIN=+5V
Static Drain-Source On-State
Resistance
RDS(on)
170
250
m
Ω
VIN=+3V, ID=1A
Static Drain-Source On-State
Resistance
RDS(on)
150
200
m
Ω
VIN=+5V, ID=1A
Continuous Drain Current (a)(e)
ID
1.4
A
VIN=3V; TA=25°C
Continuous Drain Current (a)(e)
ID
1.6
A
VIN=5V; TA=25°C
Continuous Drain Current (a)(d)
ID
1.7
A
VIN=3V; TA=25°C
Continuous Drain Current (a)(d)
ID
1.8
A
VIN=5V; TA=25°C
Current Limit (g)
ID(LIM)
2.2
5
A
VIN=+3V,
Current Limit (g)
ID(LIM)
3.3
7
A
VIN=+5V
Dynamic Characteristics
Turn On Delay Time
td(on)
6
μs
VDD=12V, ID=1A,
VGS=5V
Rise time
tr
14
μs
Turn Off Delay Time
td(off)
34
μs
Fall Time
ff
19
μs
Notes:
(g) The drain current is restricted only when the device is in saturation (see graph ‘typical output
characteristic’). This allows the device to be used in the fully on state without interference from
the current limit. The device is fully protected at all drain currents, as the low power dissipation
generated outside saturation makes current limit unnecessary.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com