Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMS6005DT8 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZXMS6005DT8
Description  60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE INTELLIFET??MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMS6005DT8 Datasheet(HTML) 3 Page - Diodes Incorporated

  ZXMS6005DT8 Datasheet HTML 1Page - Diodes Incorporated ZXMS6005DT8 Datasheet HTML 2Page - Diodes Incorporated ZXMS6005DT8 Datasheet HTML 3Page - Diodes Incorporated ZXMS6005DT8 Datasheet HTML 4Page - Diodes Incorporated ZXMS6005DT8 Datasheet HTML 5Page - Diodes Incorporated ZXMS6005DT8 Datasheet HTML 6Page - Diodes Incorporated ZXMS6005DT8 Datasheet HTML 7Page - Diodes Incorporated ZXMS6005DT8 Datasheet HTML 8Page - Diodes Incorporated ZXMS6005DT8 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ZXMS6005DT8
Document Number DS32248 Rev. 1 - 2
3 of 9
www.diodes.com
June 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
LIMIT
UNIT
Continuous Drain-Source Voltage
VDS
60
V
Drain-Source Voltage for short circuit protection
VDS(SC)
24
V
Continuous Input Voltage
VIN
-0.5 ... +6
V
Continuous Input Current
-0.2V
≤VIN≤6V
VIN<-0.2V or VIN>6V
IIN
No limit
│IIN │≤2
mA
Operating Temperature Range
Tj,
-40 to +150
°C
Storage Temperature Range
Tstg
-55 to +150
°C
Power Dissipation at TA =25°C (a)(d)
Linear Derating Factor
PD
1.16
9.28
W
mW/
°C
Power Dissipation at TA =25°C (a)(e)
Linear Derating Factor
PD
1.67
13.3
W
mW/
°C
Power Dissipation at TA =25°C (b)(d)
Linear Derating Factor
PD
2.13
17
W
mW/
°C
Pulsed Drain Current @ VIN=3.3V
IDM
5
A
Pulsed Drain Current @ VIN=5V
IDM
6
A
Continuous Source Current (Body Diode) (a)
IS
2.5
A
Pulsed Source Current (Body Diode)
ISM
10
A
Unclamped single pulse inductive energy, Tj=25
°C,
ID=0.5A, VDD=24V
EAS
210
mJ
Electrostatic Discharge (Human Body Model)
VESD
4000
V
Charged Device Model
VCDM
1000
V
THERMAL RESISTANCE
PARAMETER
SYMBOL
VALUE
UNIT
Junction to Ambient (a)(d)
RθJA
108
°C/W
Junction to Ambient (a)(e)
RθJA
75
°C/W
Junction to Ambient (b)(d)
RθJA
58.7
°C/W
Junction to Case (f)
RθJC
26.5
°C/W
NOTES
(a) For a dual device surface mounted on a 25mm x 25mm single sided 1oz weight copper split down the
middle on 1.6mm FR4 board, in still air conditions.
(b) For a dual device surface mounted on FR4 PCB measured at t
≤ 10sec
(c) Repetitive rating25mm x 25mm FR4 PCB, D=0.02, Pulse width=300µs – pulse width limited by junction
temperature. Refer to transient thermal impedance graph.
(d) For a dual device with one active die.
(e) For a dual device with 2 active die running at equal power.
(f)
Thermal resistance from junction to the mounting surface of the drain pin.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com