Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMS6005DT8 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # ZXMS6005DT8
Description  60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE INTELLIFET??MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMS6005DT8 Datasheet(HTML) 6 Page - Diodes Incorporated

  ZXMS6005DT8 Datasheet HTML 1Page - Diodes Incorporated ZXMS6005DT8 Datasheet HTML 2Page - Diodes Incorporated ZXMS6005DT8 Datasheet HTML 3Page - Diodes Incorporated ZXMS6005DT8 Datasheet HTML 4Page - Diodes Incorporated ZXMS6005DT8 Datasheet HTML 5Page - Diodes Incorporated ZXMS6005DT8 Datasheet HTML 6Page - Diodes Incorporated ZXMS6005DT8 Datasheet HTML 7Page - Diodes Incorporated ZXMS6005DT8 Datasheet HTML 8Page - Diodes Incorporated ZXMS6005DT8 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
ZXMS6005DT8
Document Number DS32248 Rev. 1 - 2
6 of 9
www.diodes.com
June 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
CONDITIONS
Over-temperature Protection
Thermal Overload Trip
Temperature (h)
TJT
150
175
°C
Thermal hysteresis (h)
10
°C
Note:
(h)
Over-temperature protection is designed to prevent device destruction under fault conditions.
Fault conditions are considered as “outside” normal operating range, so this part is not designed
to withstand over-temperature for extended periods..



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com