Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMS6005DT8 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # ZXMS6005DT8
Description  60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE INTELLIFET??MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMS6005DT8 Datasheet(HTML) 7 Page - Diodes Incorporated

  ZXMS6005DT8 Datasheet HTML 1Page - Diodes Incorporated ZXMS6005DT8 Datasheet HTML 2Page - Diodes Incorporated ZXMS6005DT8 Datasheet HTML 3Page - Diodes Incorporated ZXMS6005DT8 Datasheet HTML 4Page - Diodes Incorporated ZXMS6005DT8 Datasheet HTML 5Page - Diodes Incorporated ZXMS6005DT8 Datasheet HTML 6Page - Diodes Incorporated ZXMS6005DT8 Datasheet HTML 7Page - Diodes Incorporated ZXMS6005DT8 Datasheet HTML 8Page - Diodes Incorporated ZXMS6005DT8 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
ZXMS6005DT8
Document Number DS32248 Rev. 1 - 2
7 of 9
www.diodes.com
June 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
TYPICAL CHARACTERISTICS
01
23
456
78
9
10 11 12
0
1
2
3
4
5
6
7
8
9
-75 -50 -25
0
25
50
75
100 125 150
0.8
0.9
1.0
1.1
1.2
1.3
1.4
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.0
0.2
0.4
-75 -50 -25
0
25
50
75
100 125 150
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
01
2
345
0
20
40
60
80
100
120
0.4
0.6
0.8
1.0
1.2
0.01
0.1
1
10
2V
4V
5V
4.5V
3.5V
3V
2.5V
1.5V
Typical Output Characteristic
T
A
= 25°C
V
IN
V
DS
Drain-Source Voltage (V)
Threshold Voltage vs Temperature
V
IN
= V
DS
I
D
= 1mA
T
J
Junction Temperature (°C)
T
J
= 150°C
On-Resistance vs Input Voltage
T
J
= 25°C
V
IN
Input Voltage (V)
I
D
= 1A
Reverse Diode Characteristic
V
IN
= 3V
V
IN
= 5V
On-Resistance vs Temperature
T
J
Junction Temperature (°C)
Input Current vs Input Voltage
V
IN
Input Voltage (V)
V
SD
Source-Drain Voltage (V)
T
J
=25°C
T
J
=150°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com