Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9534A Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # PCA9534A
Description  REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9534A Datasheet(HTML) 4 Page - Texas Instruments

  PCA9534A Datasheet HTML 1Page - Texas Instruments PCA9534A Datasheet HTML 2Page - Texas Instruments PCA9534A Datasheet HTML 3Page - Texas Instruments PCA9534A Datasheet HTML 4Page - Texas Instruments PCA9534A Datasheet HTML 5Page - Texas Instruments PCA9534A Datasheet HTML 6Page - Texas Instruments PCA9534A Datasheet HTML 7Page - Texas Instruments PCA9534A Datasheet HTML 8Page - Texas Instruments PCA9534A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
14
I/O
Port
Shift
Register
8 Bits
LP Filter
Interrupt
Logic
Input
Filter
15
Power-On
Reset
Read Pulse
Write Pulse
2
1
13
16
8
GND
VCC
SDA
SCL
A1
A0
INT
I2C Bus
Control
P7−P0
3
A2
PCA9534A
SCPS141F – SEPTEMBER 2006 – REVISED JUNE 2010
www.ti.com
Table 2. TERMINAL FUNCTIONS
NO.
QSOP (DBQ),
SOIC (DW),
QFN (RGT)
NAME
DESCRIPTION
SSOP (DB),
AND
TSSOP (PW), AND
QFN (RGV)
TVSOP (DGV)
1
15
A0
Address input. Connect directly to VCC or ground.
2
16
A1
Address input. Connect directly to VCC or ground.
3
1
A2
Address input. Connect directly to VCC or ground.
4
2
P0
P-port input/output. Push-pull design structure.
5
3
P1
P-port input/output. Push-pull design structure.
6
4
P2
P-port input/output. Push-pull design structure.
7
5
P3
P-port input/output. Push-pull design structure.
8
6
GND
Ground
9
7
P4
P-port input/output. Push-pull design structure.
10
8
P5
P-port input/output. Push-pull design structure.
11
9
P6
P-port input/output. Push-pull design structure.
12
10
P7
P-port input/output. Push-pull design structure.
13
11
INT
Interrupt output. Connect to VCC through a pullup resistor.
14
12
SCL
Serial clock bus. Connect to VCC through a pullup resistor.
15
13
SDA
Serial data bus. Connect to VCC through a pullup resistor.
16
14
VCC
Supply voltage
LOGIC DIAGRAM (POSITIVE LOGIC)
A.
Pin numbers shown are for DB, DBQ, DGV, DW, or PW package.
B.
All I/Os are set to inputs at reset.
4
Submit Documentation Feedback
Copyright © 2006–2010, Texas Instruments Incorporated
Product Folder Link(s): PCA9534A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com