Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9534A Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # PCA9534A
Description  REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9534A Datasheet(HTML) 2 Page - Texas Instruments

  PCA9534A Datasheet HTML 1Page - Texas Instruments PCA9534A Datasheet HTML 2Page - Texas Instruments PCA9534A Datasheet HTML 3Page - Texas Instruments PCA9534A Datasheet HTML 4Page - Texas Instruments PCA9534A Datasheet HTML 5Page - Texas Instruments PCA9534A Datasheet HTML 6Page - Texas Instruments PCA9534A Datasheet HTML 7Page - Texas Instruments PCA9534A Datasheet HTML 8Page - Texas Instruments PCA9534A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
PCA9534A
SCPS141F – SEPTEMBER 2006 – REVISED JUNE 2010
www.ti.com
INT can be connected to the interrupt input of a microcontroller. By sending an interrupt signal on this line, the
remote I/O can inform the microcontroller if there is incoming data on its ports without having to communicate via
the I2C bus. Thus, the PCA9534A can remain a simple slave device.
The device's outputs (latched) have high-current drive capability for directly driving LEDs. It has low current
consumption.
Three hardware pins (A0, A1, and A2) are used to program and vary the fixed I2C address and allow up to eight
devices to share the same I2C bus or SMBus.
The PCA9534A is pin-to-pin and I2C address compatible with the PCF8574A. However, software changes are
required due to the enhancements in the PCA9534A over the PCF8574A.
The PCA9534A is a low-power version of the PCA9554A. The only difference between the PCA9534A and
PCA9554A is that the PCA9534A eliminates an internal I/O pullup resistor, which dramatically reduces power
consumption in the standby mode when the I/Os are held low.
The PCA9534A and PCA9534 are identical, except for their fixed I2C address. This allows for up to 16 of these
devices (8 of each) on the same I2C bus.
ORDERING INFORMATION
TA
PACKAGE(1) (2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
QFN – RGT
Reel of 3000
PCA9534ARGTR
ZVJ
QFN – RGV
Reel of 2500
PCA9534ARGVR
PD534A
QSOP – DBQ
Reel of 2500
PCA9534ADBQR
PDA534A
Tube of 40
PCA9534ADW
SOIC – DW
PCA9534A
Reel of 2000
PCA9534ADWR
–40°C to 85°C
Reel of 2000
PCA9534ADBR
SSOP – DB
PDA534A
Tube of 80
PCA9534ADB
Tube of 90
PCA9534APW
TSSOP – PW
PD534A
Reel of 2000
PCA9534APWR
TVSOP – DGV
Reel of 2000
PCA9534ADGVR
PD534A
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
2
Submit Documentation Feedback
Copyright © 2006–2010, Texas Instruments Incorporated
Product Folder Link(s): PCA9534A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com