Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9534A Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # PCA9534A
Description  REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9534A Datasheet(HTML) 25 Page - Texas Instruments

Back Button PCA9534A Datasheet HTML 21Page - Texas Instruments PCA9534A Datasheet HTML 22Page - Texas Instruments PCA9534A Datasheet HTML 23Page - Texas Instruments PCA9534A Datasheet HTML 24Page - Texas Instruments PCA9534A Datasheet HTML 25Page - Texas Instruments PCA9534A Datasheet HTML 26Page - Texas Instruments PCA9534A Datasheet HTML 27Page - Texas Instruments PCA9534A Datasheet HTML 28Page - Texas Instruments PCA9534A Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
V
CC
V
POR
V
PORF
Time
POR
Time
PCA9534A
www.ti.com
SCPS141F – SEPTEMBER 2006 – REVISED JUNE 2010
Figure 20. VPOR
Interrupt Requirements
The expected performance of the interrupt feature is that INT is to be cleared (de-asserted) when the input
register is read or all inputs return to the last read values. INT is also de-asserted when both of the following
occur:
•
The last I2C command byte (register pointer) written was 00h. This generally means the last operation with
the device was a read of the input register, but the command byte may have been written with 00h without
ever going on to read the Input register.
•
Any other slave device on the I2C bus acknowledges an address byte with the R/W bit set high. This occurs
when reading any other valid device on the bus.
In order to prevent INT from de-asserting when another device is read on the I2C bus, the user needs to change
the command byte to something other than 00 (hex) after a read operation to the device.
Copyright © 2006–2010, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Link(s): PCA9534A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com