Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9534A Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PCA9534A
Description  REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9534A Datasheet(HTML) 1 Page - Texas Instruments

  PCA9534A Datasheet HTML 1Page - Texas Instruments PCA9534A Datasheet HTML 2Page - Texas Instruments PCA9534A Datasheet HTML 3Page - Texas Instruments PCA9534A Datasheet HTML 4Page - Texas Instruments PCA9534A Datasheet HTML 5Page - Texas Instruments PCA9534A Datasheet HTML 6Page - Texas Instruments PCA9534A Datasheet HTML 7Page - Texas Instruments PCA9534A Datasheet HTML 8Page - Texas Instruments PCA9534A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
DB,DBQ,DGV,DW,ORPWPACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
A0
A1
A2
P0
P1
P2
P3
GND
V
CC
SDA
SCL
INT
P7
P6
P5
P4
RGVPACKAGE
(TOP VIEW)
16
6
8
2
10
P7
4
3
1
7
5
12
11
9
13
14
15
P6
INT
SCL
A2
P0
P1
P2
RGTPACKAGE
(TOP VIEW)
16
6
8
2
10
P7
4
3
1
7
5
12
11
9
13
14
15
P6
INT
SCL
A2
P0
P1
P2
PCA9534A
www.ti.com
SCPS141F – SEPTEMBER 2006 – REVISED JUNE 2010
REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER
WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
Check for Samples: PCA9534A
1
FEATURES
•
Low Standby Current Consumption of
•
Polarity Inversion Register
1 mA Max
•
Internal Power-On Reset
•
I2C to Parallel Port Expander
•
Power-Up With All Channels Configured as
•
Open-Drain Active-Low Interrupt Output
Inputs
•
Operating Power-Supply Voltage Range of
•
No Glitch on Power-Up
2.3 V to 5.5 V
•
Noise Filter on SCL/SDA Inputs
•
5-V Tolerant I/O Ports
•
Latched Outputs With High-Current Drive
•
400-kHz Fast I2C Bus
Maximum Capability for Directly Driving LEDs
•
Three Hardware Address Pins Allow Up to
•
Latch-Up Performance Exceeds 100 mA Per
Eight Devices on the I2C/SMBus
JESD 78, Class II
•
Allows Up to 16 Devices on the I2C/SMBus
•
ESD Protection Exceeds JESD 22
When Used in Conjunction with the PCA9534
–
2000-V Human-Body Model (A114-A)
See Table 1 for I2C Expander offerings
–
200-V Machine Model (A115-A)
•
Input/Output Configuration Register
–
1000-V Charged-Device Model (C101)
DESCRIPTION/ORDERING INFORMATION
This 8-bit I/O expander for the two-line bidirectional bus (I2C) is designed for 2.3-V to 5.5-V VCC operation. It
provides general-purpose remote I/O expansion for most microcontroller families via the I2C interface [serial clock
(SCL), serial data (SDA)].
The PCA9534A consists of one 8-bit configuration (input or output selection), input port, output port, and polarity
inversion (active high or active low) register. At power on, the I/Os are configured as inputs. However, the system
master can enable the I/Os as either inputs or outputs by writing to the I/O configuration bits. The data for each
input or output is kept in the corresponding input or output register. The polarity of the input port register can be
inverted with the polarity inversion register. All registers can be read by the system master.
The system master can reset the PCA9534A in the event of a timeout or other improper operation by utilizing the
power-on reset feature, which puts the registers in their default state and initializes the I2C/SMBus state machine.
The PCA9534A open-drain interrupt (INT) output is activated when any input state differs from its corresponding
input port register state and is used to indicate to the system master that an input state has changed.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PCA9534A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9534A TI-PCA9534A Datasheet
643Kb / 35P
REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9534A TI-PCA9534A Datasheet
1Mb / 39P
REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9534ADB TI-PCA9534ADB Datasheet
643Kb / 35P
REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9534ADB TI-PCA9534ADB Datasheet
1Mb / 39P
REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9534ADBG4 TI-PCA9534ADBG4 Datasheet
643Kb / 35P
REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
More results

Similar Description - PCA9534A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA6107 TI-PCA6107 Datasheet
306Kb / 24P
REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
PCA9534 TI-PCA9534 Datasheet
657Kb / 32P
REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9538 TI-PCA9538 Datasheet
479Kb / 29P
REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
PCA9554A TI-PCA9554A Datasheet
650Kb / 33P
REMOTE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9555 TI-PCA9555 Datasheet
842Kb / 35P
REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9534A TI-PCA9534A Datasheet
643Kb / 35P
REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9538 TI-PCA9538_1 Datasheet
626Kb / 31P
REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
PCA9555 TI-PCA9555_10 Datasheet
817Kb / 35P
REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9534A_101 TI-PCA9534A_101 Datasheet
1Mb / 39P
REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9554DW TI-PCA9554DW Datasheet
933Kb / 36P
REMOTE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com