Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDIP-38L Datasheet(PDF) 6 Page - STMicroelectronics

Part # SDIP-38L
Description  IGBT intelligent power module (IPM) 14 A, 600 V, DBC isolated SDIP-38L molded
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SDIP-38L Datasheet(HTML) 6 Page - STMicroelectronics

Back Button SDIP-38L Datasheet HTML 2Page - STMicroelectronics SDIP-38L Datasheet HTML 3Page - STMicroelectronics SDIP-38L Datasheet HTML 4Page - STMicroelectronics SDIP-38L Datasheet HTML 5Page - STMicroelectronics SDIP-38L Datasheet HTML 6Page - STMicroelectronics SDIP-38L Datasheet HTML 7Page - STMicroelectronics SDIP-38L Datasheet HTML 8Page - STMicroelectronics SDIP-38L Datasheet HTML 9Page - STMicroelectronics SDIP-38L Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Electrical ratings
STGIPL14K60
6/21
Doc ID 15589 Rev 3
2
Electrical ratings
2.1
Absolute maximum ratings
Table 3.
Inverter part
Symbol
Parameter
Value
Unit
VPN
Supply voltage applied between P-NU, NV, NW
450
V
VPN(surge)
Supply voltage (surge) applied between P-NU, NV,
NW
500
V
VCES
Collector emitter voltage (VIN
(1) = 0)
1.
Applied between HINi, LINi and GND for i = U, V, W
600
V
± IC
(2)
2.
Calculated according to the iterative formula:
Each IGBT continuous collector current
at TC = 25°C
14
A
± ICP
(3)
3.
Pulse width limited by max junction temperature
Each IGBT pulsed collector current
30
A
PTOT
Each IGBT total dissipation at TC = 25°C
35
W
tscw
Short circuit withstand time, VCE = 0.5 V(BR)CES
Tj = 125 °C, VCC = Vboot= 15 V, VIN
(1)= 0÷5 V
5µs
Table 4.
Control part
Symbol
Parameter
Value
Unit
VOUT
Output voltage applied between OUTU, OUTV,
OUTW - GND (VCC = 15 V)
Vboot - 21 to Vboot + 0.3
V
VCC
Low voltage power supply
-0.3 to +21
V
VCIN
Comparator input voltage
-0.3 to VCC +0.3
V
Vboot
Bootstrap voltage applied between Vboot i - OUTi
for i = U, V, W
-0,3 to 620
V
VIN
Logic input voltage applied between HIN, LIN and
GND
-0.3 to 15
V
VSD/OD
Open drain voltage
-0.3 to 15
V
dVout/dt
Allowed output slew rate
50
V/ns
I
C TC
()
T
jmax
() TC
R
thj
c
V
CE sat
() max
() Tjmax
() IC TC
()
,
()
×
----------------------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com