Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDIP-38L Datasheet(PDF) 10 Page - STMicroelectronics

Part # SDIP-38L
Description  IGBT intelligent power module (IPM) 14 A, 600 V, DBC isolated SDIP-38L molded
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SDIP-38L Datasheet(HTML) 10 Page - STMicroelectronics

Back Button SDIP-38L Datasheet HTML 6Page - STMicroelectronics SDIP-38L Datasheet HTML 7Page - STMicroelectronics SDIP-38L Datasheet HTML 8Page - STMicroelectronics SDIP-38L Datasheet HTML 9Page - STMicroelectronics SDIP-38L Datasheet HTML 10Page - STMicroelectronics SDIP-38L Datasheet HTML 11Page - STMicroelectronics SDIP-38L Datasheet HTML 12Page - STMicroelectronics SDIP-38L Datasheet HTML 13Page - STMicroelectronics SDIP-38L Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Electrical characteristics
STGIPL14K60
10/21
Doc ID 15589 Rev 3
3.1
Control part
Table 8.
Low voltage power supply
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Vcc_hys
Vcc UV hysteresis
1.2
1.5
V
Vcc_thON
Vcc UV turn ON threshold
11.5
12.0
V
Vcc_thOFF
Vcc UV turn OFF threshold
10
10.5
V
Iqccu
Undervoltage quiescent
supply current
VCC = 10 V
SD/OD = 5 V; LIN = 5 V;
HIN = 0, CIN = 0
450
µA
Iqcc
Quiescent current
Vcc = 15 V
SD/OD = 5 V; LIN = 5 V
HIN = 0, CIN = 0
3.5
mA
Vref
Internal comparator (CIN)
reference voltage
0.5
0.54
0.58
mV
Table 9.
Bootstrapped voltage
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VBS_hys
VBS UV hysteresis
1.2
1.5
V
VBS_thON
VBS UV turn ON threshold
10.6
11.5
V
VBS_thOFF
VBS UV turn OFF threshold
9.0
10.0
V
IQBSU
Undervoltage VBS quiescent
current
VBS = 10 V
SD/OD = 5 V; LIN and
HIN = 5 V; CIN = 0
70
110
µA
IQBS
VBS quiescent current
VBS = 15 V
SD/OD = 5 V; LIN and
HIN = 5 V; CIN = 0
150
210
µA
RDS(on)
Bootstrap driver on resistance
LVG ON
120
Table 10.
Logic inputs
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Vil
Low logic level voltage
0.8
V
Vih
High logic level voltage
2.2
V
IHINh
HIN logic “1” input bias current
HIN = 15 V
175
260
µA
IHINl
HIN logic “0” input bias current
HIN = 0 V
1
µA
ILINl
LIN logic “0” input bias current
LIN = 0 V
6
20
µA
ILINh
LIN logic “1” input bias current
LIN = 15 V
1
µA
ISDh
SD logic “1” input bias current
SD = 15 V
120
300
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com