Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDIP-38L Datasheet(PDF) 1 Page - STMicroelectronics

Part # SDIP-38L
Description  IGBT intelligent power module (IPM) 14 A, 600 V, DBC isolated SDIP-38L molded
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SDIP-38L Datasheet(HTML) 1 Page - STMicroelectronics

  SDIP-38L Datasheet HTML 1Page - STMicroelectronics SDIP-38L Datasheet HTML 2Page - STMicroelectronics SDIP-38L Datasheet HTML 3Page - STMicroelectronics SDIP-38L Datasheet HTML 4Page - STMicroelectronics SDIP-38L Datasheet HTML 5Page - STMicroelectronics SDIP-38L Datasheet HTML 6Page - STMicroelectronics SDIP-38L Datasheet HTML 7Page - STMicroelectronics SDIP-38L Datasheet HTML 8Page - STMicroelectronics SDIP-38L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
June 2010
Doc ID 15589 Rev 3
1/21
21
STGIPL14K60
IGBT intelligent power module (IPM)
14 A, 600 V, DBC isolated SDIP-38L molded
Features
14 A, 600 V 3-phase IGBT inverter bridge
including control ICs for gate driving and free-
wheeling diodes
3.3 V, 5 V, 15 V CMOS/TTL inputs
comparators with hysteresis and pull down/pull
up resistors
Internal bootstrap diode
Interlocking function
5 k
Ω NTC for temperature control
VCE(sat) negative temperature coefficient
Short-circuit rugged IGBTs
Under-voltage lockout
DBC fully isolated package
Isolation rating of 2500 Vrms/min
Smart shut down function
Op-amps for advanced current sensing
Comparators for fault protection against over
current and short-circuit
Applications
3-phase inverters for motor drives
Home appliances, such as washing machines,
refrigerators, air conditioners
Description
The STGIPL14K60 intelligent power module
provides a compact, high performance AC motor
drive for a simple and rugged design. It mainly
targets low power inverters for applications such
as home appliances and air conditioners. It
combines ST proprietary control ICs with the most
advanced short circuit rugged IGBT system
technology. Please refer to dedicated technical
note TN0107 for mounting instructions.
AM01193v1
SDIP-38L
Table 1.
Device summary
Order code
Marking
Package
Packaging
STGIPL14K60
GIPL14K60
SDIP-38L
Tube
www.st.com


Similar Part No. - SDIP-38L

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
SDIP TOREX-SDIP Datasheet
217Kb / 2P
Packaging Information
logo
STMicroelectronics
SDIP30 STMICROELECTRONICS-SDIP30 Datasheet
36Kb / 2P
SDIP30 Thermal Data
Sep-1999
More results

Similar Description - SDIP-38L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGIPS10K60A STMICROELECTRONICS-STGIPS10K60A Datasheet
458Kb / 17P
IGBT intelligent power module (IPM) 10 A, 600 V, DBC isolated SDIP-25L molded
15-Jun-2010
STGIPS14K60 STMICROELECTRONICS-STGIPS14K60 Datasheet
578Kb / 19P
IGBT intelligent power module (IPM) 12 A, 600 V, DBC isolated, SDIP-25L molded
15-Jun-2010
STGIPS20K60 STMICROELECTRONICS-STGIPS20K60 Datasheet
695Kb / 19P
IGBT intelligent power module (IPM) 17 A, 600 V, DBC isolated SDIP-25L molded
01-Jul-2010
logo
ON Semiconductor
NFAQ0860L36T ONSEMI-NFAQ0860L36T Datasheet
510Kb / 14P
Intelligent Power Module (IPM) 600 V, 8 A
January, 2020 ??Rev. 0
NFAQ0560R43T ONSEMI-NFAQ0560R43T Datasheet
654Kb / 15P
Intelligent Power Module (IPM) 600 V, 5 A
February, 2021 ??Rev. 1
NFAQ1060L33T ONSEMI-NFAQ1060L33T Datasheet
588Kb / 14P
Intelligent Power Module (IPM) 600 V, 10 A
January, 2020 ??Rev. 1
NFAQ1560R43TL ONSEMI-NFAQ1560R43TL Datasheet
610Kb / 14P
Intelligent Power Module (IPM) 600 V, 15 A
February, 2021 ??Rev. 1
STK551U392A-E ONSEMI-STK551U392A-E Datasheet
855Kb / 16P
Intelligent Power Module (IPM) 600 V, 15 A
December 2016 - Rev. 2
STK554U362C-E ONSEMI-STK554U362C-E Datasheet
337Kb / 16P
Intelligent Power Module (IPM) 600 V, 10 A
August 2017 - Rev. 3
STK581U3C2D-E ONSEMI-STK581U3C2D-E Datasheet
436Kb / 15P
Intelligent Power Module (IPM) 600 V, 30 A
September 2016 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com