Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDIP-38L Datasheet(PDF) 18 Page - STMicroelectronics

Part # SDIP-38L
Description  IGBT intelligent power module (IPM) 14 A, 600 V, DBC isolated SDIP-38L molded
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SDIP-38L Datasheet(HTML) 18 Page - STMicroelectronics

Back Button SDIP-38L Datasheet HTML 13Page - STMicroelectronics SDIP-38L Datasheet HTML 14Page - STMicroelectronics SDIP-38L Datasheet HTML 15Page - STMicroelectronics SDIP-38L Datasheet HTML 16Page - STMicroelectronics SDIP-38L Datasheet HTML 17Page - STMicroelectronics SDIP-38L Datasheet HTML 18Page - STMicroelectronics SDIP-38L Datasheet HTML 19Page - STMicroelectronics SDIP-38L Datasheet HTML 20Page - STMicroelectronics SDIP-38L Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
Package mechanical data
STGIPL14K60
18/21
Doc ID 15589 Rev 3
6
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK is an ST trademark.
Please refer to dedicated technical note TN0107 for mounting instructions.
Table 16.
SDIP-38L mechanical data
Dimensions
mm
Min.
Typ.
Max.
A
49.1
50.1
A1
44.1
45.1
A2
1.37
1.47
A3
1.23
2.23
B
24
25
B1
27.1
27.6
28.1
B2
28.6
29.1
29.6
B3
11.25
12.45
B4
12.05
13.25
C
5
6
C1
6.40
7.40
C2
10.41
11.41
e
1.1
1.3
1.5
e1
3.2
3.4
3.6
e2
5.8
6.0
6.2
e3
4.6
4.8
5.0
e4
5.6
5.8
6.0
e5
6.3
6.5
6.7
e6
4.5
4.7
4.9
F
0.8
1.0
1.2
F1
0.35
0.5
0.65
R1
1.3
2.1
T1
0.45
0.55
0.65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com