Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP4100 Datasheet(PDF) 13 Page - ON Semiconductor

Part # ADP4100
Description  Programmable Multi-Phase Synchronous Buck Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP4100 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button ADP4100 Datasheet HTML 9Page - ON Semiconductor ADP4100 Datasheet HTML 10Page - ON Semiconductor ADP4100 Datasheet HTML 11Page - ON Semiconductor ADP4100 Datasheet HTML 12Page - ON Semiconductor ADP4100 Datasheet HTML 13Page - ON Semiconductor ADP4100 Datasheet HTML 14Page - ON Semiconductor ADP4100 Datasheet HTML 15Page - ON Semiconductor ADP4100 Datasheet HTML 16Page - ON Semiconductor ADP4100 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
ADP4100
http://onsemi.com
13
Figure 9. Overcurrent Latchoff Waveforms
Channel 1: CSREF, Channel 2: COMP,
Channel 3: PWM1
An inherent per phase current limit protects individual
phases if one or more phases stops functioning because of a
faulty component. This limit is based on the maximum
normal mode COMP voltage.
Output Current Monitor
IMON is an analog output from the ADP4100
representing the total current being delivered to the load. It
outputs an accurate current that is directly proportional to
the current set by the ILIMFS resistor.
(eq. 7)
IIMON + 10 ISW ILIMFS
The current is then run through a parallel RC connected
from the IMON pin to the FBRTN pin to generate an
accurately scaled and filtered voltage as per the VR11.1
specification. The size of the resistor is used to set the IMON
scaling.
The scaling is set such that IMON = 900 mV at the TDC
current of the processor. This means that the RIMON
resistor should be chosen as follows.
From the Current−Limit Setpoint paragraph we know the
following:
(eq. 8)
IILIMFS +
1mW
ILOAD
RLIMFS
IIMON + 10
1mW
ILOAD
RLIMFS
For a 150 A current limit RLIMFS = 6.81 kW. Assuming the
TDC = 135 A then VMON should equal 900 mV when
ILOAD = 135 A.
When ILOAD = 135 A, IMON equals:
(eq. 9)
IMON + 10
1mW
135 A
6.81 kW
+ 198mA
VIMON + 900 mV + 198 mA RMON
This gives a value of 4.54 k
W for RMON.
If the TDC and OCP limit for the processor have to be
changed then it may be necessary to change the ILIMITFS
resistor only. This is because the ILIMITFS resistor sets up
both the current limit and also the current out of the IMON
pin, as explained earlier.
The IMON pin also includes an active clamp to limit the
IMON voltage to 1.15 V MAX while maintaining accuracy
at 900 mV full scale.
Active Impedance Control Mode
For controlling the dynamic output voltage droop as a
function of output current, the CSA gain and load line
programming can be scaled to be equal to the droop
impedance of the regulator times the output current. This
droop voltage is then used to set the input control voltage to
the system. The droop voltage is subtracted from the DAC
reference input voltage directly to tell the error amplifier
where the output voltage should be. This allows enhanced
feed−forward response.
Load Line Setting
For load line values greater than 1 m
W, RCSA can be set
equal to RO, and the LLSET pin can be directly connected
to the CSCOMP pin. When the load line value needs to be
less than 1 m
W, two additional resistors are required.
Figure 10 shows the placement of these resistors.
Figure 10. Load Line Setting Resistors
CSSUM
CSCOMP
CSREF
ADP4100
LLSET
8
19
20
21
QLL
OPTIONAL LOAD LINE
SELECT SWITCH
RLL2
RLL1
The two resistors RLL1 and RLL2 set up a divider between
the CSCOMP pin and CSREF pin. This resistor divider is
input into the LLSET pin to set the load line slope RO of the
VR according to the following equation:
(eq. 10)
RO +
RLL2
RLL1 ) RLL2
RCSA
The resistor values for RLL1 and RLL2 are limited by two
factors.
• The minimum value is based upon the loading of the
CSCOMP pin. This pin’s drive capability is 500
mA
and the majority of this should be allocated to the CSA
feedback. If the current through RLL1 and RLL2 is limited
to 10% of this (50
mA), the following limit can be placed
for the minimum value for RLL1 and RLL2:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com