Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP4100 Datasheet(PDF) 4 Page - ON Semiconductor

Part # ADP4100
Description  Programmable Multi-Phase Synchronous Buck Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP4100 Datasheet(HTML) 4 Page - ON Semiconductor

  ADP4100 Datasheet HTML 1Page - ON Semiconductor ADP4100 Datasheet HTML 2Page - ON Semiconductor ADP4100 Datasheet HTML 3Page - ON Semiconductor ADP4100 Datasheet HTML 4Page - ON Semiconductor ADP4100 Datasheet HTML 5Page - ON Semiconductor ADP4100 Datasheet HTML 6Page - ON Semiconductor ADP4100 Datasheet HTML 7Page - ON Semiconductor ADP4100 Datasheet HTML 8Page - ON Semiconductor ADP4100 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
ADP4100
http://onsemi.com
4
ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Input Voltage Range (Note 1)
VIN
−0.3 to 6
V
FBRTN
VFBRTN
−0.3 to + 0.3 V
V
PWM2 to PWM6, Rampadj
−0.3 to VIN + 0.3
V
SW1 to SW6
−5 to +25 V
V
SW1 to SW6 (<200 ns|)
−10 to +25 V
V
All other Inputs and Outputs
−0.3 to VIN + 0.3
V
Storage Temperature Range
TSTG
−65 to 150
°C
Operating Ambient Temperature Range
0 to 85
°C
ESD Capability, Human Body Model (Note 2)
ESDHBM
2
kV
ESD Capability, Machine Model (Note 2)
ESDMM
100
V
Moisture Sensitivity Level
MSL
3
−
Lead Temperature Soldering
Reflow (SMD Styles Only), Pb−Free Versions (Note 3)
TSLD
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Refer to Electrical Characteristics and Application Information for Safe Operating Area.
2. This device series incorporates ESD protection and is tested by the following methods:
ESD Human Body Model tested per AEC−Q100−002 (EIA/JESD22−A114)
ESD Machine Model tested per AEC−Q100−003 (EIA/JESD22−A115)
Latchup Current Maximum Rating: ≤150 mA per JEDEC standard: JESD78
3. For additional information on our Pb−Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting
Techniques Reference Manual, SOLDERRM/D.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Thermal Characteristics, LFCSP, 7mm * 7mm (Note 1)
Thermal Resistance, Junction−to−Air (Note 4)
Thermal Resistance, Junction−to−Lead 2 (Note 4)
RqJA
RYJL
24
10
°C/W
4. Values based on copper area of 645 mm2 (or 1 in2) of 1 oz copper thickness and FR4 PCB substrate.
OPERATING RANGES (Note 1)
Characteristic
Symbol
Min
Max
Unit
Output Voltage (Note 5)
VOUT
0.375
1.6
V
Ambient Temperature
TA
0
85
°C
5. Maximum limit for VOUT = VOUT(NOM) − 10%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com