Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP4100 Datasheet(PDF) 16 Page - ON Semiconductor

Part # ADP4100
Description  Programmable Multi-Phase Synchronous Buck Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP4100 Datasheet(HTML) 16 Page - ON Semiconductor

Back Button ADP4100 Datasheet HTML 12Page - ON Semiconductor ADP4100 Datasheet HTML 13Page - ON Semiconductor ADP4100 Datasheet HTML 14Page - ON Semiconductor ADP4100 Datasheet HTML 15Page - ON Semiconductor ADP4100 Datasheet HTML 16Page - ON Semiconductor ADP4100 Datasheet HTML 17Page - ON Semiconductor ADP4100 Datasheet HTML 18Page - ON Semiconductor ADP4100 Datasheet HTML 19Page - ON Semiconductor ADP4100 Datasheet HTML 20Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
ADP4100
http://onsemi.com
16
PSI Set Table
# of Phases
Normally
PSI Set
Phases on During
PSI
6
High
Low
Phase 1 and 4
Phase 1
5
High
Low
Phase 1 and 4
Phase 1
4
High
Low
Phase 1 and 3
Phase 1
3
High
Low
Phase 1
Phase 1
2
High
Low
Phase 1
Phase 1
1
High
Low
Phase 1
Phase 1
Output Crowbar
As part of the protection for the load and output
components of the supply, the PWM outputs are driven low
(turning on the low−side MOSFETs) when the output
voltage exceeds the upper crowbar threshold. This crowbar
action stops once the output voltage falls below the release
threshold of approximately 300 mV.
The value for the crowbar limit follows the PWRGD high
limit.
Turning on the low−side MOSFETs pulls down the output
as the reverse current builds up in the inductors. If the output
overvoltage is due to a short in the high−side MOSFET, this
action current−limits the input supply or blows its fuse,
protecting the microprocessor from being destroyed.
Output Enable and UVLO
For the ADP4100 to begin switching, the input supply
current to the controller must be higher than the UVLO
threshold and the EN pin must be higher than its 0.8 V
threshold. This initiates a system startup sequence. If either
UVLO or EN is less than their respective thresholds, the
ADP4100 is disabled. This holds the PWM outputs at
ground and forces PWRGD, ODN and OD1 signals low.
In the application circuit (see Figure 2), the OD1 pin
should be connected to the OD inputs of the external drivers
for the phases that are always on. The ODN pin should be
connected to the OD inputs of the external drivers on the
phases that are shutdown during low power operation.
Grounding the driver OD inputs disables the drivers such
that both DRVH and DRVL are grounded. This feature is
important in preventing the discharge of the output
capacitors when the controller is shut off. If the driver
outputs are not disabled, a negative voltage can be generated
during output due to the high current discharge of the output
capacitors through the inductors.
Thermal Monitoring
The ADP4100 includes a thermal monitoring channel
using a thermistor.
The VR thermal monitoring circuits require an NTC
thermistor to be placed from TTSENSE to GND. For best
accuracy, the thermistors can be linearized using resistors. A
fixed current of 8 times IREF (normally giving 120 mA) is
sourced out of the TTSENSE pin into the thermistor. The
resulting voltage is compared with the VRHOT Threshold
(0.81 V). When the meaured voltage goes below the
threshold (i.e. using this thermistor and resistor
combination, when the temperature has exceeded
approximately 85
°C) the VRHOT signal asserts high.
VRHOT is low when the temperature is below the limit (i.e.
the volatge is higher than the threshold).
Figure 11. TTSENSE Diagram
NTC
100 kW
20 kW
TTSENSE
VRHOT
0.81 V
+
-
120 mA
Shunt Resistor
The ADP4100 uses a shunt to generate 5.0 V from the
12 V supply range. A trade−off can be made between the
power dissipated in the shunt resistor and the UVLO
threshold. Figure 12 shows the typical resistor value needed
to realize certain UVLO voltages. It also gives the maximum
power dissipated in the shunt resistor for these UVLO
voltages.
Figure 12. Typical Shunt Resistor Value and Power
Dissipation for Different UVLO Voltage
Rshunt
Pshunt
2−0603 Limit
2−0805 Limit
400
350
200
150
10
11
14
15
300
250
8
9
12
13
16
0.325
ICC (UVLO)
0.3
0.275
0.25
0.225
0.2
0.175



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com