Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP4100 Datasheet(PDF) 2 Page - ON Semiconductor

Part # ADP4100
Description  Programmable Multi-Phase Synchronous Buck Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP4100 Datasheet(HTML) 2 Page - ON Semiconductor

  ADP4100 Datasheet HTML 1Page - ON Semiconductor ADP4100 Datasheet HTML 2Page - ON Semiconductor ADP4100 Datasheet HTML 3Page - ON Semiconductor ADP4100 Datasheet HTML 4Page - ON Semiconductor ADP4100 Datasheet HTML 5Page - ON Semiconductor ADP4100 Datasheet HTML 6Page - ON Semiconductor ADP4100 Datasheet HTML 7Page - ON Semiconductor ADP4100 Datasheet HTML 8Page - ON Semiconductor ADP4100 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
ADP4100
http://onsemi.com
2
Figure 1. Simplified Block Diagram
PRECISION
REFERENCE
DELAY
GND
ADP4100
EN/VTT
PWRGD
VRHOT
TTSENSE
5
14
RAMPADJ
20
19
28
SW3
CSREF
6
CSCOMP
CSSUM
FB
21
31 PWM6
47
PWM1
36
COMP
FBRTN
18
CROWBAR
+
–
CMP
+
–
CMP
+
–
CMP
+
–
CMP
VID7
38
VID3
42
VID2
43
VID1
44
SW2
29
SW4
27
RT
13
17
+
–
–
+
PWM5
32
VID6
39
VID4
41
VID5
40
12
IREF
45
VID0
10
24 OD1
9 IMON
VCC
37
16
11
PWM4
33
PWM3
34
8 LLSET
ILIMFS 22
Over Voltage
Threshold
–
+
850 mV
–
+
+
–
CSREF
48
VCC3
Under Voltage
Threshold
SW5
26
+
–
CMP
+
–
CMP
15
TRDET
PWM2
35
PSI_SET
7
ODN
23
46 PSI
SHUNT
REGULATOR
3.3 V
REGULATOR
THERMAL
THROTTLING
CONTROL
BOOT VOLTAGE AND
SOFT−START CONTROL
CURRENT
MEASUREMENT
AND LIMIT
UVLO
SHUTDOWN
OSCILLATOR
SW1
30
SW6
25
2 / 3 / 4 /5 / 6
PHASE
DRIVER LOGIC
EN
SET
RESET
RESET
RESET
RESET
RESET
RESET
CURRENT
BALANCING
CIRCUIT
CURRENT
LIMIT
VID DAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com