Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7485AARMZ-R7 Datasheet(PDF) 5 Page - ON Semiconductor

Part # ADT7485AARMZ-R7
Description  Temperature Sensor and Voltage Monitor with Simple Serial Transport
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7485AARMZ-R7 Datasheet(HTML) 5 Page - ON Semiconductor

  ADT7485AARMZ-R7 Datasheet HTML 1Page - ON Semiconductor ADT7485AARMZ-R7 Datasheet HTML 2Page - ON Semiconductor ADT7485AARMZ-R7 Datasheet HTML 3Page - ON Semiconductor ADT7485AARMZ-R7 Datasheet HTML 4Page - ON Semiconductor ADT7485AARMZ-R7 Datasheet HTML 5Page - ON Semiconductor ADT7485AARMZ-R7 Datasheet HTML 6Page - ON Semiconductor ADT7485AARMZ-R7 Datasheet HTML 7Page - ON Semiconductor ADT7485AARMZ-R7 Datasheet HTML 8Page - ON Semiconductor ADT7485AARMZ-R7 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ADT7485A
http://onsemi.com
5
TYPICAL CHARACTERISTICS
Figure 2. SST O/P Level vs. Supply Voltage
Figure 3. Supply Current vs. Temperature
Figure 4. Local Temperature Error
Figure 5. SST O/P Level vs. Temperature
Figure 6. Supply Current vs. Voltage
Figure 7. Remote Temperature Error
1.55
1.20
2.6
VCC (V)
1.50
1.35
1.30
1.25
2.8
3.0
3.2
3.4
3.6
750Ω (~2mA)
270Ω (~5.2mA)
120Ω (~10.6mA)
1.45
1.40
–45
TEMPERATURE (5C)
–25
–5
15
35
55
75
95
115
DEV3
DEV2
DEV1
3.45
3.46
3.47
3.48
3.49
3.50
3.51
3.52
3.53
3.54
3.55
3.56
7
–1
–60
140
TEMPERATURE (5C)
6
–40
–20
0
20
40
60
80
100
120
LO SPEC (VCC = 3.6 V)
MEAN (VCC = 3.3 V)
HI SPEC (VCC = 3.0 V)
5
4
3
2
1
0
1.55
1.20
–50
150
TEMPERATURE (5C)
1.50
1.35
1.30
1.25
0
50
100
120Ω (~10.6mA)
270Ω (~5.2mA)
750Ω (~2mA)
1.45
1.40
3.9
2.65
3.65
VCC (V)
3.7
3.5
3.3
3.1
2.9
2.85
3.05
3.25
3.45
DEV1
DEV3
DEV2
7
–2
–60
140
TEMPERATURE (5C)
–40
–20
0
20
40
60
80
100
120
6
5
4
1
HI SPEC (VCC = 3.0 V)
LO SPEC (VCC = 3.6 V)
MEAN (VCC = 3.3 V)
3
2
0
–1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com