Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7485AARMZ-R7 Datasheet(PDF) 3 Page - ON Semiconductor

Part # ADT7485AARMZ-R7
Description  Temperature Sensor and Voltage Monitor with Simple Serial Transport
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7485AARMZ-R7 Datasheet(HTML) 3 Page - ON Semiconductor

  ADT7485AARMZ-R7 Datasheet HTML 1Page - ON Semiconductor ADT7485AARMZ-R7 Datasheet HTML 2Page - ON Semiconductor ADT7485AARMZ-R7 Datasheet HTML 3Page - ON Semiconductor ADT7485AARMZ-R7 Datasheet HTML 4Page - ON Semiconductor ADT7485AARMZ-R7 Datasheet HTML 5Page - ON Semiconductor ADT7485AARMZ-R7 Datasheet HTML 6Page - ON Semiconductor ADT7485AARMZ-R7 Datasheet HTML 7Page - ON Semiconductor ADT7485AARMZ-R7 Datasheet HTML 8Page - ON Semiconductor ADT7485AARMZ-R7 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADT7485A
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS TA = TMIN to TMAX, VCC = VMIN to VMAX, unless otherwise noted.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Power Supply
Supply Voltage, VCC
3.0
3.3
3.6
V
Undervoltage Lockout Threshold
2.8
V
Average Operating Supply Current, IDD
Continuous conversions
3.8
5.0
mA
Temperature−to−Digital Converter
Local Sensor Accuracy
40°C ≤ TA ≤ 70°C; VCC = 3.3 V ±5%
−40°C ≤ TA ≤ +100°C
+1.0
±1.75
±4.0
°C
Remote Sensor Accuracy
−40°C ≤ TD ≤ +125°C; TA = 25°C; VCC = 3.3 V
−40°C ≤ TD ≤ +125°C; −40 ≤ TA ≤ 70°C;
VCC = 3.3 V ±5%
−40°C ≤ TD ≤ +125°C; −40 ≤ TA ≤ +100°C
+1.0
±1.0
±1.75
±4.0
°C
Remote Sensor Source Current
Low level
Mid level
High level
12
80
204
mA
Resolution
0.016
°C
Series Resistance Cancellation
The ADT7485A cancels 1.5 kW in series with
the remote thermal diode
1.5
kW
Digital Input (ADD)
Input High Voltage, VIH
2.3
V
Input Low Voltage, VIL
0.8
V
Input High Current, IIH
VIN = VCC
−1.0
mA
Input Low Current, IIL
VIN = 0
1.0
mA
Pin Capacitance
5.0
pF
Analog−to−Digital Converter (Including Multiplexer and Attenuators)
Total Unadjusted Error (TUE)
12 V and 5.0 V channels
For all other channels
±2.0
±1.5
%
Differential Non−linearity (DNL)
10 bits
±1.0
LSB
Power Supply Sensitivity
±0.1
%/V
Conversion Time (Voltage Input)
(Note 1)
Averaging enabled
11
ms
Conversion Time
(Local Temperature) (Note 1)
Averaging enabled
12
ms
Conversion Time
(Remote Temperature) (Note 1)
Averaging enabled
38
ms
Total Monitoring Cycle Time (Note 1)
Averaging enabled
145
ms
Input Resistances
VCCP and 2.5V Channels
5.0 V Channel
12 V Channel
80
95
180
110
120
230
140
150
280
kW
Digital I/O (SST Pin)
Input High Voltage , VIH
1.1
V
Input Low Voltage, VIL
0.4
V
Hysteresis (Note 1)
Between input switching levels
150
mV
Output High Voltage, VOH
ISOURCE = 6 mA (maximum)
1.1
1.9
V
1. Guaranteed by design, not production tested.
2. Minimum and maximum bit times are relative to tBIT defined in the timing negotiation pulse.
3. Device is compatible with hold time specification as driven by SST originator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com