Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7485AARMZ-R7 Datasheet(PDF) 8 Page - ON Semiconductor

Part # ADT7485AARMZ-R7
Description  Temperature Sensor and Voltage Monitor with Simple Serial Transport
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7485AARMZ-R7 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button ADT7485AARMZ-R7 Datasheet HTML 4Page - ON Semiconductor ADT7485AARMZ-R7 Datasheet HTML 5Page - ON Semiconductor ADT7485AARMZ-R7 Datasheet HTML 6Page - ON Semiconductor ADT7485AARMZ-R7 Datasheet HTML 7Page - ON Semiconductor ADT7485AARMZ-R7 Datasheet HTML 8Page - ON Semiconductor ADT7485AARMZ-R7 Datasheet HTML 9Page - ON Semiconductor ADT7485AARMZ-R7 Datasheet HTML 10Page - ON Semiconductor ADT7485AARMZ-R7 Datasheet HTML 11Page - ON Semiconductor ADT7485AARMZ-R7 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADT7485A
http://onsemi.com
8
Table 3. 16−Byte DIB Details
Byte
Name
Value
Description
0
Device
Capabilities
0xc0
Fixed address
device
1
Version/Revision
0x10
Meets Version 1 of
SST specification
2, 3
Vendor ID
00x11d
4
Contains company
ID number in little
endian format
4, 5
Device ID
0x7485
Contains device ID
number in little
endian format
6
Device Interface
0x01
SST device
7
Function
Interface
0x00
Reserved
8
Reserved
0x00
Reserved
9
Reserved
0x00
Reserved
10
Reserved
0x00
Reserved
11
Reserved
0x00
Reserved
12
Reserved
0x00
Reserved
13
Reserved
0x00
Reserved
14
Revision ID
0x05
Contains revision ID
15
Client Device
Address
0x48 to
0x4a
Dependent on the
state of address pin
Ping()
The Ping() command verifies if a device is responding at
a particular address. The ADT7485A shows a valid
non−zero FCS in response to the Ping() command when
correctly addressed.
Table 4. Ping() Command
Target Address
Write Length
Read Length
FCS
(Not necessary)
0x00
0x00
ResetDevice()
This command resets the register map and conversion
controller. The reset command can be global or directed at
the client address of the ADT7485A.
Table 5. ResetDevice() Command
Target Address
Write
Length
Read
Length
Reset
Command
FCS
Device Address
0x01
0x00
0xf6
GetIntTemp()
The ADT7485A shows the local temperature of the device
in response to the GetIntTemp() command. The data has a
little endian, 16−bit, twos complement format.
GetExtTemp()
Prompted by the GetExtTemp() command, the ADT7485A
shows the temperature of the remote diode in little endian,
16−bit, twos complement format. The ADT7485A shows
0x8000 in response to this command if the external diode is
an open or short circuit.
GetAllTemps()
The ADT7485A shows the local and remote temperatures
in a 4−byte block of data (internal temperature first,
followed by external temperature) in response to a
GetAllTemps() command.
SetExtOffset()
This command sets the offset that the ADT7485A will use
to correct errors in the external diode. The offset is set in little
endian, 16−bit, twos complement format. The maximum
offset is
±128°C with +0.25°C resolution.
GetExtOffset()
This command causes the ADT7485A to show the offset
that it is using to correct errors in the external diode. The
offset value is returned in little endian format, that is, LSB
before MSB.
ADT7485A Response to Unsupported Commands
A full list of command codes supported by the
ADT7485A is given in Table 2. The offset registers
(Command Code 0xe0) are the only registers that the user
can write to. The other defined registers are read only.
Writing to Register Addresses 0x02, 0x09, and 0x15 to 0xdf
shows a valid FSC, but no action is taken by the ADT7485A.
The ADT7485A shows an invalid FSC if the user attempts
to write to the device between Command Codes 0xe2 to
0xee. These registers are reserved for the manufacturer’s use
only, and no data can be written to the device via these
addresses.
Voltage Measurement
The ADT7485A has four external voltage measurement
channels. It can also measure its own supply voltage, VCC.
Pins 5 and 8 measure the supplies of the 12 V, 5.0 V,
processor core voltage (VCCP), and 2.5 V pins, respectively.
The VCC supply voltage measurement is carried out through
the VCC pin (Pin 1). The 2.5 V pin can be used to monitor a
chip−set supply voltage in a computer system.
Analog−to−Digital Converter
All analog inputs are multiplexed into the on−chip,
successive approximation, analog−to−digital converter
(ADC). This has a resolution of 10 bits. The basic input
range is 0 V to 2.25 V, but the inputs have built−in
attenuators to allow measurement of 2.5 V, 3.3 V, 5.0 V,
12 V, and the processor core voltage (VCCP) without any
external components.
To allow for the tolerance of these supply voltages, the
ADC produces a specific output for each nominal input
voltage and therefore has adequate headroom to cope with
overvoltage. The full−scale voltage that can be recorded for
each channel is shown in Table 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com