Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7485AARMZ-R7 Datasheet(PDF) 6 Page - ON Semiconductor

Part # ADT7485AARMZ-R7
Description  Temperature Sensor and Voltage Monitor with Simple Serial Transport
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7485AARMZ-R7 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button ADT7485AARMZ-R7 Datasheet HTML 2Page - ON Semiconductor ADT7485AARMZ-R7 Datasheet HTML 3Page - ON Semiconductor ADT7485AARMZ-R7 Datasheet HTML 4Page - ON Semiconductor ADT7485AARMZ-R7 Datasheet HTML 5Page - ON Semiconductor ADT7485AARMZ-R7 Datasheet HTML 6Page - ON Semiconductor ADT7485AARMZ-R7 Datasheet HTML 7Page - ON Semiconductor ADT7485AARMZ-R7 Datasheet HTML 8Page - ON Semiconductor ADT7485AARMZ-R7 Datasheet HTML 9Page - ON Semiconductor ADT7485AARMZ-R7 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADT7485A
http://onsemi.com
6
TYPICAL CHARACTERISTICS
Figure 8. Remote Temperature Error vs. PCB
Resistance
Figure 9. Temperature Error vs. Common−Mode
Noise Frequency
Figure 10. Local Temperature Error vs. Power
Supply Noise
Figure 11. Remote Temperature Error vs.
Capacitance Between D1+ and D1−
Figure 12. Temperature Error vs.
Differential−Mode Noise Frequency
Figure 13. Remote Temperature Error vs. Power
Supply Noise
15
–40
0
100
RESISTANCE (MΩ)
10
5
–30
–35
20
40
60
80
D+ TO GND
DEV2_EXT2
DEV3_EXT1
DEV3_EXT2
DEV1_EXT1
DEV1_EXT2
DEV2_EXT1
DEV1_EXT1
DEV1_EXT2
DEV2_EXT1
DEV2_EXT2
DEV3_EXT1
DEV3_EXT2
D+ TO VCC
15
10
0
–15
–5
–10
–25
–20
30
–5
10k
1G
NOISE FREQUENCY (Hz)
25
10
5
0
100k
1M
10M
100M
40mV
60mV
100mV
20
15
20
–10
10k
1G
POWER SUPPLY NOISE FREQUENCY (Hz)
15
10
100k
1M
10M
100M
125mV
50mV
5
0
−5
0
–90
050
CAPACITANCE (nF)
–10
–20
–30
–60
10
20
30
40
EXT1
EXT2
7
0
10k
1G
NOISE FREQUENCY (Hz)
100k
1M
10M
100M
6
3
2
1
10mV
40mV
20mV
5
–3
10k
1G
POWER SUPPLY NOISE FREQUENCY (Hz)
100k
1M
10M
100M
125mV
50mV
4
–2
–1
3
2
5
4
–40
–50
–70
–80
5
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com