Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7486AARMZ-R7 Datasheet(PDF) 7 Page - ON Semiconductor

Part # ADT7486AARMZ-R7
Description  Digital Temperature Sensor with SST Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7486AARMZ-R7 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button ADT7486AARMZ-R7 Datasheet HTML 3Page - ON Semiconductor ADT7486AARMZ-R7 Datasheet HTML 4Page - ON Semiconductor ADT7486AARMZ-R7 Datasheet HTML 5Page - ON Semiconductor ADT7486AARMZ-R7 Datasheet HTML 6Page - ON Semiconductor ADT7486AARMZ-R7 Datasheet HTML 7Page - ON Semiconductor ADT7486AARMZ-R7 Datasheet HTML 8Page - ON Semiconductor ADT7486AARMZ-R7 Datasheet HTML 9Page - ON Semiconductor ADT7486AARMZ-R7 Datasheet HTML 10Page - ON Semiconductor ADT7486AARMZ-R7 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
ADT7484A/ADT7486A
http://onsemi.com
7
Product Description
The ADT7484A is a single remote temperature sensor,
and the ADT7486A is a dual temperature sensor for use in
PC applications. The ADT7484A/ADT7486A accurately
measure local and remote temperature and communicate
over a one-wire Simple Serial Transport (SST) bus interface.
SST Interface
Simple Serial Transport (SST) is a one-wire serial bus and
a communications protocol between components intended
for use in personal computers, personal handheld devices, or
other industrial sensor nets. The ADT7484A/ADT7486A
support SST specification Rev 1.
SST is a licensable bus technology from Analog Devices,
Inc., and Intel Corporation. To inquire about obtaining a
copy of the Simple Serial Transport Specification or an SST
technology license, please email Analog Devices, at
sst_licensing@analog.com or write to Analog Devices,
3550 North First Street, San Jose, CA 95134, Attention: SST
Licensing, M/S B7-24.
ADT7484A/ADT7486A Client Address
The client address for the ADT7484A/ADT7486A is
selected using the address pin. The address pin is connected
to a float detection circuit, which allows the ADT7484A/
ADT7486A to distinguish between three input states: high,
low (GND), and floating. The address range for fixed
address, discoverable devices is 0x48 to 0x50.
Table 1. ADT7484A/ADT7486A Selectable Addresses
ADD1
ADD0
Address Selected
Low (GND)
Low (GND)
0x48
Low (GND)
Float
0x49
Low (GND)
High
0x4A
Float
Low (GND)
0x4B
Float
Float
0x4C
Float
High
0x4D
High
Low (GND)
0x4E
High
Float
0x4F
High
High
0x50
Command Summary
Table 7 summarizes the commands supported by the
ADT7484A/ADT7486A devices when directed at the target
address selected by the fixed address pins. It contains the
command name, command code (CC), write data length
(WL), read data length (RL), and a brief description.
Table 2. Command Code Summary
Command
Command
Code, CC
Write Length,
WL
Read Length, RL
Description
Ping()
0x00
0x00
0x00
Shows a nonzero FCS over the header if present.
GetIntTemp()
0x00
0x01
0x02
Shows the temperature of the device’s internal thermal
diode.
GetExt1Temp()
0x01
0x01
0x02
Shows the temperature of External Thermal Diode 1.
GetExt2Temp()
0x02
0x01
0x02
Shows the temperature of External Thermal Diode 2
(ADT7486A only).
GetAllTemps()
0x00
0x01
0x04 (ADT7484A)
0x06 (ADT7486A)
Shows a 4- or 6-byte block of data (ADT7484A:
GetIntTemp, GetExt1Temp; ADT7486A: GetIntTemp,
GetExt1Temp, GetExt2Temp).
SetExt1Offset()
0xe0
0x03
0x00
Sets the offset used to correct errors in External Diode 1.
GetExt1Offset()
0xe0
0x01
0x02
Shows the offset that the device is using to correct errors
in External Diode 1.
SetExt2Offset()
0xe1
0x03
0x00
Sets the offset used to correct errors in External Diode 2
(ADT7486A only).
GetExt2Offset()
0xe1
0x01
0x02
Shows the offset that the device is using to correct errors
in External Diode 2 (ADT7486A only).
ResetDevice()
0xf6
0x01
0x00
Functional reset. The ADT7484A/ADT7486A also re-
spond to this command when directed to the Target Ad-
dress 0x00.
GetDIB()
0xf7
0xf7
0x01
0x01
0x08
0x10
Shows information used by SW to identify the device’s
capabilities. Can be in 8- or 16-byte format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com