Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7486AARMZ-R7 Datasheet(PDF) 8 Page - ON Semiconductor

Part # ADT7486AARMZ-R7
Description  Digital Temperature Sensor with SST Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7486AARMZ-R7 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button ADT7486AARMZ-R7 Datasheet HTML 4Page - ON Semiconductor ADT7486AARMZ-R7 Datasheet HTML 5Page - ON Semiconductor ADT7486AARMZ-R7 Datasheet HTML 6Page - ON Semiconductor ADT7486AARMZ-R7 Datasheet HTML 7Page - ON Semiconductor ADT7486AARMZ-R7 Datasheet HTML 8Page - ON Semiconductor ADT7486AARMZ-R7 Datasheet HTML 9Page - ON Semiconductor ADT7486AARMZ-R7 Datasheet HTML 10Page - ON Semiconductor ADT7486AARMZ-R7 Datasheet HTML 11Page - ON Semiconductor ADT7486AARMZ-R7 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
ADT7484A/ADT7486A
http://onsemi.com
8
Command Code Details
ADT7484A/ADT7486A Device Identifier Block
The GetDIB() command retrieves the device identifier
block (DIB), which provides information to identify the
capabilities of the ADP7484A/ADT7486A. The data
returned can be in 8− or 16−byte format. The full 16−bytes
of DIB is detailed in Table 3. The 8-byte format involves the
first eight bytes described in this table. Byte-sized data is
returned in the respective fields as it appears in Table 3.
Word-sized data, including vendor ID, device ID, and data
values use little endian format, that is, the LSB is returned
first, followed by the MSB.
Table 3. DIB Byte Details
Byte
Name
Value
Description
0
Device
Capabilities
0xc0
Fixed address device
1
Version/
Revision
0x10
Meets Version 1 of the
SST specification
2, 3
Vendor ID
00x11d4
Contains company ID
number in little endian
format
4, 5
Device ID
0x7484
or
0x7486
Contains device ID
number in little endian
format
6
Device
Interface
0x01
SST device
7
Function
Interface
0x00
Reserved
8
Reserved
0x00
Reserved
9
Reserved
0x00
Reserved
10
Reserved
0x00
Reserved
11
Reserved
0x00
Reserved
12
Reserved
0x00
Reserved
13
Reserved
0x00
Reserved
14
Revision ID
0x05
Contains revision ID
15
Client Device
Address
0x48 to
0x50
Dependent on the state
of the address pins
Ping()
The Ping() command verifies if a device is responding at
a particular address. The ADT7484A/ADT7486A show a
valid nonzero FCS in response to the Ping() command when
correctly addressed.
Table 4. Ping() Command
Target Address
Write Length
Read Length
FCS
Device Address
0x00
0x00
ResetDevice()
This command resets the register map and conversion
controller. The reset command can be global or directed at
the client address of the ADT7484A/ADT7486A.
Table 5. Reset Device() Command
Target Address
Write
Length
Read
Length
Reset
Command
FCS
Device Address
0x01
0x00
0xf6
GetIntTemp()
The ADT7484A/ADT7486A show the local temperature
of the device in response to the GetIntTemp() command. The
data has a little endian, 16-bit, twos complement format.
GetExtTemp()
Prompted by the GetExtTemp() command, the
ADT7484A/ADT7486A show the temperature of the
remote diode in little endian, 16-bit, twos complement
format. The ADT7484A/ADT7486A show 0x8000 in
response to this command if the external diode is an open or
short circuit.
GetAllTemps()
The ADT7484A shows the local and remote temperatures
in a 4-byte block of data (internal temperature first, followed
by External Temperature 1) in response to a GetAllTemps()
command. The ADT7486A shows the local and remote
temperatures in a 6-byte block of data (internal temperature
first, followed by External Temperature 1 and External
Temperature 2) in response to this command.
SetExtOffset()
This command sets the offset that the ADT7484A/
ADT7486A will use to correct errors in the external diode.
The offset is set in little endian, 16-bit, twos complement
format. The maximum offset is
±128°C with +0.25°C
resolution.
GetExtOffset()
This command causes the ADT7484A/ADT7486A to
show the offset that they are using to correct errors in the
external diode. The offset value is returned in little endian
format, that is, LSB before MSB.
ADT7484A/ADT7486A Response to Unsupported
Commands
A full list of command codes supported by the
ADT7484A/ADT7486A is given in Table 7. The offset
registers (Command Codes 0xe0 and 0xe1) are the only
registers that the user can write to. The other defined
registers are read only. Writing to Register Addresses 0x03
to 0xdf shows a valid FSC, but no action is taken by the
ADT7484A/ADT7486A. The ADT7484A/ADT7486A
show an invalid FSC if the user attempts to write to the
devices between Command Codes 0xe2 to 0xee and no data
is written to the device. These registers are reserved for the
manufacturer’s use only, and no data can be written to the
device via these addresses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com