Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7486AARMZ-R7 Datasheet(PDF) 2 Page - ON Semiconductor

Part # ADT7486AARMZ-R7
Description  Digital Temperature Sensor with SST Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7486AARMZ-R7 Datasheet(HTML) 2 Page - ON Semiconductor

  ADT7486AARMZ-R7 Datasheet HTML 1Page - ON Semiconductor ADT7486AARMZ-R7 Datasheet HTML 2Page - ON Semiconductor ADT7486AARMZ-R7 Datasheet HTML 3Page - ON Semiconductor ADT7486AARMZ-R7 Datasheet HTML 4Page - ON Semiconductor ADT7486AARMZ-R7 Datasheet HTML 5Page - ON Semiconductor ADT7486AARMZ-R7 Datasheet HTML 6Page - ON Semiconductor ADT7486AARMZ-R7 Datasheet HTML 7Page - ON Semiconductor ADT7486AARMZ-R7 Datasheet HTML 8Page - ON Semiconductor ADT7486AARMZ-R7 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
ADT7484A/ADT7486A
http://onsemi.com
2
Figure 1. Functional Block Diagram
SST INTERFACE
ANALOG MUX
(ADT7486A ONLY)
OFFSET REGISTERS
ADDRESS
SELECTION
LOCAL TEMPERATURE
VALUE REGISTER
REMOTE TEMPERATURE
VALUE REGISTER
A/D
CONVERTER
ON−CHIP
TEMPERATURE
SENSOR
D1+
D2–
VDD
GND
RESERVED
ADT7484A/
ADT7486A
SST
ADD1
ADD0
D1–
D2+
ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Unit
Supply Voltage (VCC)
3.6
V
Voltage on Any Other Pin (Including SST Pin)
3.6
V
Input Current at Any Pin
±5.0
mA
Package Input Current
±20
mA
Maximum Junction Temperature (TJ max)
150
°C
Storage Temperature Range
−65 to +150
°C
Lead Temperature, Soldering
IR Reflow Peak Temperature
Lead Temperature, Soldering (10 sec)
260
300
°C
ESD Rating
1500
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
NOTE: This device is ESD sensitive. Use standard ESD precautions when handling.
THERMAL CHARACTERISTICS
Package Type
qJA
qJC
Unit
8−Lead MSOP and 8−Lead SOIC NB Packages (ADT7484A)
10−Lead MSOP (ADT7486A)
206
44
°C/W
NOTE: qJA is specified for the worst-case conditions, that is, a device soldered in a circuit board for surface-mount packages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com