Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7486AARMZ-R7 Datasheet(PDF) 3 Page - ON Semiconductor

Part # ADT7486AARMZ-R7
Description  Digital Temperature Sensor with SST Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7486AARMZ-R7 Datasheet(HTML) 3 Page - ON Semiconductor

  ADT7486AARMZ-R7 Datasheet HTML 1Page - ON Semiconductor ADT7486AARMZ-R7 Datasheet HTML 2Page - ON Semiconductor ADT7486AARMZ-R7 Datasheet HTML 3Page - ON Semiconductor ADT7486AARMZ-R7 Datasheet HTML 4Page - ON Semiconductor ADT7486AARMZ-R7 Datasheet HTML 5Page - ON Semiconductor ADT7486AARMZ-R7 Datasheet HTML 6Page - ON Semiconductor ADT7486AARMZ-R7 Datasheet HTML 7Page - ON Semiconductor ADT7486AARMZ-R7 Datasheet HTML 8Page - ON Semiconductor ADT7486AARMZ-R7 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
ADT7484A/ADT7486A
http://onsemi.com
3
ADT7484A PIN ASSIGNMENT
Pin No.
Mnemonic
Type
Description
1
VCC
Power supply
3.3 V ± 10%.
2
GND
Ground
Ground Pin.
3
D1+
Analog input
Positive Connection to Remote Temperature Sensor.
4
D1−
Analog input
Negative Connection to Remote Temperature Sensor.
5
ADD1
Digital input
SST Address Select.
6
RESERVED
Reserved
Connect to Ground.
7
ADD0
Digital input
SST Address Select.
8
SST
Digital input/output
SST Bidirectional Data Line.
ADT7486A PIN ASSIGNMENT
Pin No.
Mnemonic
Type
Description
1
VCC
Power supply
3.3 V ± 10%.
2
GND
Ground
Ground Pin.
3
D1+
Analog input
Positive Connection to Remote 1 Temperature Sensor.
4
D1−
Analog input
Negative Connection to Remote 1 Temperature Sensor.
5
D2+
Analog input
Positive Connection to Remote 2 Temperature Sensor.
6
D2−
Analog input
Negative Connection to Remote 2 Temperature Sensor.
7
ADD1
Analog input
SST Address Select.
8
RESERVED
Analog input
Connect to Ground.
9
ADD0
Digital input
SST Address Select.
10
SST
Digital input/output
SST Bidirectional Data Line.
ELECTRICAL CHARACTERISTICS (TA = TMIN to TMAX, = VCC = VMIN to VMAX, unless otherwise noted)
Parameter
Conditions
Min
Typ
Max
Unit
Power Supply
Supply Voltage, VCC
3.0
3.3
3.6
V
Undervoltage Lockout Threshold
2.8
V
Average Operating Supply Current, IDD
Continuous conversions
3.8
5.0
mA
Temperature-to-Digital Converter
Local Sensor Accuracy
40°C ≤ TA ≤ 70°C, VCC = 3.3 V ±5%
+1.0
±1.75
°C
−40°C ≤ TA ≤ +100°C
±4.0
°C
Remote Sensor Accuracy
−40°C ≤ TD ≤ +125°C;
TA = 25°C; VCC = 3.3 V
±1.0
°C
−40°C ≤ TD ≤ +125°C;
−40 ≤ TA ≤ 70°C,
VCC = 3.3 V ±5%
+1.0
±1.75
°C
−40°C ≤ TD ≤ +125°C;
−40 ≤ TA ≤ +100°C
±4.0
°C
Remote Sensor Source Current
Low level
Mid level
High level
12
80
204
mA
Resolution
0.016
°C
Series Resistance Cancellation
The ADT7484A and ADT7486A cancel
1.5 kW in series with the remote
thermal diode
1.5
kW
1. Guaranteed by design, not production tested.
2. Minimum and maximum bit times are relative to tBIT defined in the timing negotiation pulse.
3. Devices compatible with hold time specification as driven by SST originator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com