Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8014 Datasheet(PDF) 73 Page - Freescale Semiconductor, Inc

Part # 56F8014
Description  16-bit Digital Signal Controllers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8014 Datasheet(HTML) 73 Page - Freescale Semiconductor, Inc

Back Button 56F8014 Datasheet HTML 69Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 70Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 71Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 72Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 73Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 74Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 75Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 76Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 77Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 124 page
background image
Register Descriptions
56F8014 Technical Data, Rev. 11
Freescale Semiconductor
73
source clock to the chip. In this mode, make sure that no on-chip peripheral (including the
GPIO) is driving this pin.
6.3.8.6
Configure GPIOB5 (CFG_B5)—Bit 9
This bit selects the alternate function for GPIOB5.
•
0 = T1 — Timer channel 1 input/output (default)
•
1 = FAULT3 — PWM FAULT3 input
6.3.8.7
Configure GPIOB4 (CFG_B4)—Bit 8
This bit selects the alternate function for GPIOB4.
•
0 = T0 — Timer channel 0 input/output (default)
•
1 = CLKO — Clock output
6.3.8.8
Configure GPIOB3 (CFG_B3)—Bit 7
This bit selects the alternate function for GPIOB3.
•
0 = MOSI — SPI master out/slave in (default)
•
1 = T3 — Timer channel 3 input/output
6.3.8.9
Configure GPIOB2 (CFG_B2)—Bit 6
This bit selects the alternate function for GPIOB2.
•
0 = MISO — SPI master in/slave out (default)
•
1 = T2 — Timer channel 2 input/output
6.3.8.10
Configure GPIOB1 (CFG_B1)—Bit 5
This bit selects the alternate function for GPIOB1.
•
0 = SS — SPI Slave Select (default)
•
1 = SDA — I2C Serial Data
6.3.8.11
Configure GPIOB0 (CFG_B0)—Bit 4
This bit selects the alternate function for GPIOB0.
•
0 = SCLK — SPI Serial Clock (default)
•
1 = SCL — I2C Serial Clock
6.3.8.12
Configure GPIOA5[1:0] (CFG_A5)—Bits 3–2
These bits select the alternate function for GPIOA5.
•
00 = PWM5 — PWM5 output (default)
•
01 = PWM5 — PWM5 output
•
10 = FAULT2 — PWM FAULT2 input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com