Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8014 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # 56F8014
Description  16-bit Digital Signal Controllers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8014 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button 56F8014 Datasheet HTML 5Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 6Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 7Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 8Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 9Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 10Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 11Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 12Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 124 page
background image
Architecture Block Diagram
56F8014 Technical Data, Rev. 11
Freescale Semiconductor
9
create a complete, scalable tools solution for easy, fast, and efficient development.
1.4 Architecture Block Diagram
The 56F8014’s architecture is shown in Figure 1-1, Figure 1-2, and Figure 1-3. Figure 1-1 illustrates
how the 56800E system buses communicate with internal memories and the IPBus Bridge, as well as
showing the internal connections between each unit of the 56800E core. Figure 1-2 shows the peripherals
and control blocks connected to the IPBus Bridge. Figure 1-3 details how the device’s I/O pins are muxed.
The figures do not show the on-board regulator and power and ground signals. They also do not show the
multiplexing between peripherals or the dedicated GPIOs. Please see Part 2 Signal/Connection
Descriptions to see which signals are multiplexed with those of other peripherals.
1.5 Synchronize ADC with PWM
ADC conversion can be synchronized with the PWM module via Quad Timer channel 2 and 3 if needed.
Internally, the PWM synch signal — which is generated at every PWM reload —can be connected to the
timer channel 3 input, and the timer channel 2 and channel 3 outputs are connected to the ADC sync inputs.
Timer channel 3 output is connected to SYNC0 and timer channel 2 is connected to SYNC1. The setting
is controlled by the TC3_INP bit in the SIM Control Register; see Section 6.3.1.
SYNC0 is the master ADC sync input, used to trigger both ADCA and ADCB in sequence and parallel
mode. SYNC1 is used to trigger ADCB in parallel independent mode, while SYNC0 is used to trigger
ADCA. See MC56F8000RM, the 56F801X Peripheral Reference Manual, for additional information.
1.6 Multiple Frequency PWM Output
When both PWM channels of a complementary pair in software control mode and software control bits
are set to 1, each complementary PWM signal pair — PWM 0 and 1; PWM 2 and 3; and PWM 4 and 5 —
can select a PWM source from one of the following sources. This will enable each PWM pair and PWM2
to output PWM signals at different frequencies.
•
External GPIO input:
— GPIOB2 input can be used to drive PWM 0 and 1
— GPIOB3 input can be used to drive PWM 2
— GPIOB4 input can be used to drive PWM 4 and 5
•
Quad Timer output:
— Timer0 output can be used to drive PWM 0 and 1
— Timer2 output can be used to drive PWM 2
— Timer3 output can be used to drive PWM 4 and 5
•
ADC conversion result:
— Signal of over/under limit of ADC sample 0 can be used to drive PWM 0 and 1
— Signal of over/under limit of ADC sample 1 can be used to drive PWM 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com