Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8014 Datasheet(PDF) 79 Page - Freescale Semiconductor, Inc

Part # 56F8014
Description  16-bit Digital Signal Controllers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8014 Datasheet(HTML) 79 Page - Freescale Semiconductor, Inc

Back Button 56F8014 Datasheet HTML 75Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 76Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 77Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 78Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 79Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 80Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 81Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 82Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 83Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 124 page
background image
Resets
56F8014 Technical Data, Rev. 11
Freescale Semiconductor
79
be put into its Standby mode (LRSTDBY) to reduce the power utilization of that regulator.
All peripherals, except the COP/watchdog timer, run at the system clock (peripheral bus) frequency1,
which is the same as the main processor frequency in this architecture. The COP timer runs at
MSTR_OSC / 1024. The maximum frequency of operation is SYS_CLK = 32MHz. The only exception is
the Quad Timer and PWM, which can be configured to operate at three times the system bus rate using
TCR and PCR controls, provided the PLL is active and selected.
6.6 Resets
The SIM supports four sources of reset, as shown in Figure 6-15. The two asynchronous sources are the
external reset pin and the Power-On Reset (POR). The two synchronous sources are the software reset,
which is generated within the SIM itself by writing the SIM_CTRL register in Section 6.3.1, and the COP
reset. The SIM uses these to generate resets for the internal logic. These are outlined in Table 6-4. The
first column lists the four primary resets which are calculated. The JTAG circuitry is reset by the Power-On
Reset. Columns two through five indicate which reset sources trigger these reset signals. The last column
provides additional detail.
Figure 6-15 provides a graphic illustration of the details in Table 6-4. Note that the POR_Delay blocks
use the Relaxation Oscillator Clock as their time base since other system clocks are inactive during this
phase of reset.
1. The Quad Timer and PWM modules can be operated at three times the IPBus clock frequency.
Table 6-4 Primary System Resets
Reset Sources
Reset Signal
POR
External
Software
COP
Comments
EXTENDED_POR
X
Stretched version of POR. Relevant 64
Relaxation Oscillator Clock cycles after
POR deasserts.
CLKGEN_RST
X
X
X
X
Released 32 Relaxation Oscillator Clock
cycles after all reset sources have
released.
PERIP_RST
X
X
X
X
Releases 32 Relaxation Oscillator Clock
cycles after the CLKGEN_RST is
released.
CORE_RST
X
X
X
X
Releases 32 SYS_CLK periods after
PERIP_RST is released.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com