Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8014 Datasheet(PDF) 74 Page - Freescale Semiconductor, Inc

Part # 56F8014
Description  16-bit Digital Signal Controllers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8014 Datasheet(HTML) 74 Page - Freescale Semiconductor, Inc

Back Button 56F8014 Datasheet HTML 70Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 71Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 72Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 73Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 74Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 75Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 76Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 77Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 78Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 124 page
background image
56F8014 Technical Data, Rev. 11
74
Freescale Semiconductor
•
11 = T3 — Timer Channel 3 input/output
6.3.8.13
Configure GPIOA4[1:0] (CFG_A4)—Bits 1–0
These bits select the alternate function for GPIOA4.
•
00 = PWM4 — PWM4 output
•
01 = PWM4 — PWM4 output
•
10 = FAULT1 — PWM FAULT1 input
•
11 = T2 — Timer Channel 2 input/output
Note:
When programming the CFG_* signals be careful so as not to connect two different I/O pins to the
same peripheral input. For example, do not set CFG_B7 to select SCL and also set CFG_B0 to select
SCL. If this occurs for an output signal, then the signal will be routed to two I/O pins. For input
signals, the values on the two I/O pins will be ORed together before reaching the peripheral.
6.3.9
Peripheral Clock Enable Register (SIM_PCE)
The Peripheral Clock Enable register is used to enable or disable clocks to the peripherals as a power
savings feature. The clocks can be individually controlled for each peripheral on the chip. The
corresponding peripheral should itself be disabled while its clock is shut off.
Figure 6-11 Peripheral Clock Enable Register (SIM_PCE)
6.3.9.1
I2C Clock Enable (I2C)—Bit 15
•
0 = The clock is not provided to the I2C module (the I2C module is disabled)
•
1 = Clocks to the I2C module are enabled
6.3.9.2
Reserved—Bit 14
This bit field is reserved or not implemented. It is read as 0 and cannot be modified by writing.
6.3.9.3
Analog-to-Digital Converter IPBus Clock Enable (ADC)—Bit 13
•
0 = The clock is not provided to the ADC module (the ADC module is disabled)
•
1 = Clocks to the ADC module are enabled
6.3.9.4
Reserved—Bits 12–7
This bit field is reserved or not implemented. It is read as 0 and cannot be modified by writing.
6.3.9.5
Timer Clock Enable (TMR)—Bit 6
•
0 = The clock is not provided to the Quad Timer module (the Quad Timer module is disabled)
Base + $C
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
I2C
0
ADC
0
0
0
0
0
0
TMR
0
SCI
0
SPI
0
PWM
Write
RESET
0
0
0
0
00
0
0
000
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com