Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT28C17API-20T Datasheet(PDF) 5 Page - ON Semiconductor

Part # CAT28C17API-20T
Description  16 kb CMOS Parallel EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT28C17API-20T Datasheet(HTML) 5 Page - ON Semiconductor

  CAT28C17API-20T Datasheet HTML 1Page - ON Semiconductor CAT28C17API-20T Datasheet HTML 2Page - ON Semiconductor CAT28C17API-20T Datasheet HTML 3Page - ON Semiconductor CAT28C17API-20T Datasheet HTML 4Page - ON Semiconductor CAT28C17API-20T Datasheet HTML 5Page - ON Semiconductor CAT28C17API-20T Datasheet HTML 6Page - ON Semiconductor CAT28C17API-20T Datasheet HTML 7Page - ON Semiconductor CAT28C17API-20T Datasheet HTML 8Page - ON Semiconductor CAT28C17API-20T Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
CAT28C17A
http://onsemi.com
5
Figure 2. A.C. Testing Input/Output Waveform (Note 10)
INPUT PULSE LEVELS
REFERENCE POINTS
2.0 V
0.8 V
2.4 V
0.45 V
10.Input rise and fall times (10% and 90%) < 10 ns.
Figure 3. A.C. Testing Load Circuit (example)
1.3 V
DEVICE
UNDER
TEST
1N914
3.3 K
OUT
CL = 100 pF
CL INCLUDES JIG CAPACITANCE
Table 7. A.C. CHARACTERISTICS, WRITE CYCLE (VCC = 5 V ±10%, unless otherwise specified.)
Symbol
Parameter
28C17A−20
Units
Min
Max
tWC
Write Cycle Time
10
ms
tAS
Address Setup Time
10
ns
tAH
Address Hold Time
100
ns
tCS
CE Setup Time
0
ns
tCH
CE Hold Time
0
ns
tCW (Note 11)
CE Pulse Time
150
ns
tOES
OE Setup Time
15
ns
tOEH
OE Hold Time
15
ns
tWP (Note 11)
WE Pulse Width
150
ns
tDS
Data Setup Time
50
ns
tDH
Data Hold Time
10
ns
tDL
Data Latch Time
50
ns
tINIT (Note 12)
Write Inhibit Period After Power−up
5
20
ms
tDB
Time to Device Busy
80
ns
11. A write pulse of less than 20 ns duration will not initiate a write cycle.
12.This parameter is tested initially and after a design or process change that affects the parameter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com