Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT28C17API-20T Datasheet(PDF) 8 Page - ON Semiconductor

Part # CAT28C17API-20T
Description  16 kb CMOS Parallel EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT28C17API-20T Datasheet(HTML) 8 Page - ON Semiconductor

Back Button CAT28C17API-20T Datasheet HTML 4Page - ON Semiconductor CAT28C17API-20T Datasheet HTML 5Page - ON Semiconductor CAT28C17API-20T Datasheet HTML 6Page - ON Semiconductor CAT28C17API-20T Datasheet HTML 7Page - ON Semiconductor CAT28C17API-20T Datasheet HTML 8Page - ON Semiconductor CAT28C17API-20T Datasheet HTML 9Page - ON Semiconductor CAT28C17API-20T Datasheet HTML 10Page - ON Semiconductor CAT28C17API-20T Datasheet HTML 11Page - ON Semiconductor CAT28C17API-20T Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
CAT28C17A
http://onsemi.com
8
Figure 7. DATA Polling
ADDRESS
I/O7
WE
OE
CE
DIN = X
DOUT = X
DOUT = X
tOEH
tOE
tWC
tOES
Hardware Data Protection
The following is a list of hardware data protection features
that are incorporated into the CAT28C17A.
1. VCC sense provides for write protection when VCC
falls below 3.0 V min.
2. A power on delay mechanism, tINIT (see AC
characteristics), provides a 5 to 20 ms delay before
a write sequence, after VCC has reached 3.0 V
min.
3. Write inhibit is activated by holding any one of
OE low, CE high or WE high.
4. Noise pulses of less than 20 ns on the WE or CE
inputs will not result in a write cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com